Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS165 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS165
Description  SN74HCS165 8-Bit Parallel-Load Shift Registers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS165 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS165 Datasheet HTML 1Page - Texas Instruments SN74HCS165 Datasheet HTML 2Page - Texas Instruments SN74HCS165 Datasheet HTML 3Page - Texas Instruments SN74HCS165 Datasheet HTML 4Page - Texas Instruments SN74HCS165 Datasheet HTML 5Page - Texas Instruments SN74HCS165 Datasheet HTML 6Page - Texas Instruments SN74HCS165 Datasheet HTML 7Page - Texas Instruments SN74HCS165 Datasheet HTML 8Page - Texas Instruments SN74HCS165 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
D
B
A
VCC
15
16
CLK
E
F
G
H
QH
CLK INH
C
SER
QH
SH/LD
D or PW Package 16-Pin SOIC or TSSOP Top View
CLK
E
F
G
H
QH
GND
CLK INH
D
C
B
A
QH
SER
PAD
SH/LD
VCC
2
3
4
5
6
7
8
15
14
13
12
11
10
9
1
16
BQB Package 16-Pin WQFN Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
SOIC, TSSOP, or
WQFN NO.
NAME
1
SH/LD
I
Enable shifting when input is high, load data when input is low
2
CLK
I
Clock, rising edge triggered
3
E
I
Parallel input E
4
F
I
Parallel input F
5
G
I
Parallel input G
6
H
I
Parallel input H
7
Q H
O
Inverted serial output
8
GND
—
Ground
9
QH
O
Serial output
10
SER
I
Serial input
11
A
I
Parallel input A
12
B
I
Parallel input B
13
C
I
Parallel input C
14
D
I
Parallel input D
15
CLK INH
I
Clock inhibit input
16
VCC
—
Positive supply
Thermal Pad(2)
—
The thermal pad can be connect to GND or left floating. Do not connect to any
other signal or supply.
www.ti.com
SN74HCS165
SCLS828 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com