Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS165 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS165
Description  SN74HCS165 8-Bit Parallel-Load Shift Registers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS165 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HCS165 Datasheet HTML 6Page - Texas Instruments SN74HCS165 Datasheet HTML 7Page - Texas Instruments SN74HCS165 Datasheet HTML 8Page - Texas Instruments SN74HCS165 Datasheet HTML 9Page - Texas Instruments SN74HCS165 Datasheet HTML 10Page - Texas Instruments SN74HCS165 Datasheet HTML 11Page - Texas Instruments SN74HCS165 Datasheet HTML 12Page - Texas Instruments SN74HCS165 Datasheet HTML 13Page - Texas Instruments SN74HCS165 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
8 Detailed Description
8.1 Overview
The SN74HCS165 is a parallel- or serial-in, serial-out 8-bit shift register with Schmitt-trigger inputs.
This device has two modes of operation: load data, and shift data.
When the shift or load (SH/LD) input is held in the low state, the internal registers are loaded with data from the
eight lettered inputs (A-H). This operation is asynchronous. In this state, the output (Q) will have the same state
as the input H, while the inverted output (Q) will have the opposite state.
When the shift or load (SH/LD) input is held in the high state, the internal registers hold their current state until a
clock pulse is received. On the rising edge of the clock (CLK) input, data from the serial input will be loaded into
the first register, and the data in the internal registers will be shifted by one place. The last register will lose its
value. The output (Q) will always be in the same state as the last register, and the inverted output (Q) will have
the opposite state. The clock inhibit (CLK INH) input can be held high to prevent clock pulses from being
detected. CLK and CLK INH are interchangable inputs.
8.2 Functional Block Diagram
SH/LD
SER
CLK INH
CLK
A
D
S
R
Q
B
D
S
R
Q
5 Additional
Shift Register
Stages
C
D
E
F
G
H
D
S
R
Q
Q
QH
QH
Figure 8-1. Logic Diagram (Positive Logic) for SN74HCS165
8.3 Feature Description
8.3.1 Balanced CMOS Push-Pull Outputs
This device includes balanced CMOS push-pull outputs. The term "balanced" indicates that the device can sink
and source similar currents. The drive capability of this device may create fast edges into light loads so routing
and load conditions should be considered to prevent ringing. Additionally, the outputs of this device are capable
of driving larger currents than the device can sustain without being damaged. It is important for the output power
of the device to be limited to avoid damage due to overcurrent. The electrical and thermal limits defined in the
Absolute Maximum Ratings must be followed at all times.
Unused push-pull CMOS outputs should be left disconnected.
8.3.2 CMOS Schmitt-Trigger Inputs
This device includes inputs with the Schmitt-trigger architecture. These inputs are high impedance and are
typically modeled as a resistor in parallel with the input capacitance given in the Electrical Characteristics table
from the input to ground. The worst case resistance is calculated with the maximum input voltage, given in the
Absolute Maximum Ratings table, and the maximum input leakage current, given in the Electrical Characteristics
table, using Ohm's law (R = V ÷ I).
SN74HCS165
SCLS828 – AUGUST 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74HCS165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com