Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS165 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS165
Description  SN74HCS165 8-Bit Parallel-Load Shift Registers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS165 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS165 Datasheet HTML 1Page - Texas Instruments SN74HCS165 Datasheet HTML 2Page - Texas Instruments SN74HCS165 Datasheet HTML 3Page - Texas Instruments SN74HCS165 Datasheet HTML 4Page - Texas Instruments SN74HCS165 Datasheet HTML 5Page - Texas Instruments SN74HCS165 Datasheet HTML 6Page - Texas Instruments SN74HCS165 Datasheet HTML 7Page - Texas Instruments SN74HCS165 Datasheet HTML 8Page - Texas Instruments SN74HCS165 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SN74HCS165 8-Bit Parallel-Load Shift Registers
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Increase the Number of Inputs on a Microcontroller
3 Description
The SN74HCS165 is a parallel- or serial-in, serial-out
8-bit shift register with Schmitt-trigger inputs.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS165PW
TSSOP (16)
5.00 mm × 4.40 mm
SN74HCS165D
SOIC (16)
9.90 mm x 3.90 mm
SN74HCS165BQB
WQFN (16)
3.60 mm x 2.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS165
SCLS828 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS165
SN74HCS165
SCLS828 – AUGUST 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS165 TI-SN74HCS165 Datasheet
2Mb / 31P
SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165 TI-SN74HCS165 Datasheet
2Mb / 34P
SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165 TI-SN74HCS165 Datasheet
2Mb / 35P
SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165 TI-SN74HCS165 Datasheet
2Mb / 37P
SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
DECEMBER 2021
SN74HCS165 TI2-SN74HCS165 Datasheet
2Mb / 35P
SN74HCS165 8-Bit Parallel-Load Shift Registers
REVISED MAY 2021
More results

Similar Description - SN74HCS165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
1Mb / 25P
SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1_V01 Datasheet
2Mb / 31P
SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1_V02 Datasheet
2Mb / 34P
SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165 TI-SN74HCS165_V01 Datasheet
2Mb / 35P
SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1_V03 Datasheet
2Mb / 37P
SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com