Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS165 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS165
Description  SN74HCS165 8-Bit Parallel-Load Shift Registers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS165 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74HCS165 Datasheet HTML 8Page - Texas Instruments SN74HCS165 Datasheet HTML 9Page - Texas Instruments SN74HCS165 Datasheet HTML 10Page - Texas Instruments SN74HCS165 Datasheet HTML 11Page - Texas Instruments SN74HCS165 Datasheet HTML 12Page - Texas Instruments SN74HCS165 Datasheet HTML 13Page - Texas Instruments SN74HCS165 Datasheet HTML 14Page - Texas Instruments SN74HCS165 Datasheet HTML 15Page - Texas Instruments SN74HCS165 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
8.4 Device Functional Modes
The Operating Mode Table and the Output Function Table list the functional modes of the SN74HCS165.
Table 8-1. Operating Mode Table
INPUTS(1)
FUNCTION
SH/LD
CLK
CLK INH
L
X
X
Parallel load
H
H
X
No change
H
X
H
No change
H
L
↑
Shift(2)
H
↑
L
Shift(2)
(1)
H = High Voltage Level, L = Low Voltage Level, X = Don't Care,
↑ = Low to High transition
(2)
Shift : Content of each internal register shifts towards serial
output QH. Data at SER is shifted into the first register.
Table 8-2. Output Function Table
INTERNAL REGISTERS(1) (2)
OUTPUTS(2)
A — G
H
Q
Q
X
L
L
H
X
H
H
L
(1)
Internal registers refer to the shift registers inside the device.
These values are set by either loading data from the parallel
inputs, or by clocking data in from the serial input.
(2)
H = High Voltage Level, L = Low Voltage Level, X = Don't Care
SN74HCS165
SCLS828 – AUGUST 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74HCS165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com