Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 122 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 122 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 118Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 119Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 120Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 121Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 122Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 123Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 124Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 125Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 126Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 158 page
background image
eKTF6708
8-Bit Microcontroller
112
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
The figure below shows the general format of one character sent or received. The
communication channel is normally held in the marked state (high). Character
transmission or reception starts with a transition to the space state (low).
The first bit transmitted or received is the start bit (low). It is followed by the data bits, in
which the least significant bit (LSB) comes first. The data bits are followed by the parity bit.
If present, the stop bit or bits (high) confirm the end of the frame.
In receiving, the UART synchronizes on a falling edge of the start bit. When two or three
“0”s are detected during three samples, it is recognized as normal start bit and the
receiving operation is started.
Parity
bit
Start
Bit
Dn
D2
D1
D0
Stop
Bit
Idle state
(mark)
1 bit
1 bit
7 or 8 bits
One character of frame
Figure 6-17 Data Format in UART
6.11.1 UART Mode
There are three UART modes. Mode 1 (7 bits data) and Mode 2 (8 bits data) allow the
addition of a parity bit. The parity bit addition is not available in Mode 3. Figure 6-18a
below shows the data format in each mode.
UMODE
PRE
1
2
3
4
5
6
7
8
9
10
11
7 bits data
7 bits data
Parity
8 bits data
8 bits data
Parity
Start
Start
Start
Start
Stop
Stop
Stop
Stop
9 bits data
Start
Stop
0
0
0
0
0
1
0
1
0
0
1
1
1
0
X
Mode 1
Mode 2
Mode 3
Figure 6-18a UART Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com