Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 126 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 126 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 122Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 123Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 124Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 125Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 126Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 127Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 128Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 129Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 130Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 158 page
background image
eKTF6708
8-Bit Microcontroller
116
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
Read
Write
I2CDB reg
I2CSA reg
Start and Stop
bit Detect
SCL
SDA
MSb
LSb
Add Match
FULL
I2CRIF
Buffer Full Detector
Match Detect
I2CDA reg
Control and
Status reg
I2CTIF
Figure 6-11
eKTF6708 I2C Block Diagram
The
eKTF6708 supports a bidirectional, 2-wire bus, 7/10-bit addressing, and data
transmission protocol. A device sending data to the bus is defined as transmitter, while a
device receiving the data is defined as a receiver. The bus has to be controlled by a
Master device which generates the Serial Clock (SCL), controls the bus access, and
generates the Start and Stop conditions. Both Master and Slave can operate as
transmitter or receiver, but the Master device determines which mode is activated.
Both SDA and SCL are bidirectional lines, connected to a positive supply voltage via a
pull-up resistor. When the bus is free, both lines are HIGH. The output stages of the
devices connected to the bus must have an open-drain or open-collector to perform the
wired-AND function. Data on the
I
2C-bus can be transferred at the rates of up to 100
kbit/sec in Standard-mode or up to 400 kbit/sec in Fast-mode.
The data on the SDA line must be stable during the HIGH period of the clock. The HIGH or
LOW state of the data line can only be changed when the clock signal on the SCL line is
LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com