Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 127 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 127 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 123Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 124Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 125Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 126Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 127Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 128Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 129Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 130Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 131Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 117
(This specification is subject to change without prior notice)
The I2C interrupt occurs as describe below:
Condition
Master/Slave Transmit Address
Transmit Data
Stop
Master Transmitter
(transmits to
Slave-Receiver)
Master
Transmit interrupt Transmit interrupt
NA
Slave
Receive interrupt
Receive interrupt
Stop interrupt
Master Receiver
(read Slave-
Transmitter)
Master
Transmit interrupt Receive interrupt
NA
Slave
Transmit interrupt Transmit interrupt
Stop interrupt
Within the procedure of the
I
2C bus, unique situations could arise which are defined as
START (S) and STOP (P) conditions.
A HIGH to LOW transition on the SDA line while SCL is HIGH is one such unique case.
This situation indicates a START condition.
A LOW to HIGH transition on the SDA line while SCL is HIGH defines a STOP condition.
SCL
SDA
START
STOP
change
of data
allowed
data line
stable;
data valid
Figure 6-12
I
2C Transfer Condition
6.12.1 7-Bit Slave Address
Master-transmitter transmits to Slave-receiver. The transfer direction is not changed.
Master reads Slave immediately after the first byte. At the moment of the first
acknowledgement, the Master-transmitter becomes a Master-receiver and the
Slave-receiver becomes a Slave-transmitter. This first acknowledgement is still generated
by the Slave. The STOP condition is generated by the Master, which has previously sent a
Not-Acknowledge (A). The only difference between Master-transmitter and
Master-receiver is their R//W bits. If the R//W bit is
“0”, the Master device would be a
transmitter. Otherwise, the Master device would be a receiver (R//W Bit =
“1”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com