Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 3 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 3 Page - NEC

  UPD78044F Datasheet HTML 1Page - NEC UPD78044F Datasheet HTML 2Page - NEC UPD78044F Datasheet HTML 3Page - NEC UPD78044F Datasheet HTML 4Page - NEC UPD78044F Datasheet HTML 5Page - NEC UPD78044F Datasheet HTML 6Page - NEC UPD78044F Datasheet HTML 7Page - NEC UPD78044F Datasheet HTML 8Page - NEC UPD78044F Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
3
µPD78044H, 78045H, 78046H
The table below shows the main differences between sub-series.
Sub-series name
Function
µPD78078
µPD78070A
µPD780018
µPD78058F
µPD78054
µPD78018F
µPD78014
µPD780001
µPD78002
µPD78083
µPD780208
µPD78044F
µPD78044H
µPD78024
µPD780308
µPD78064B
µPD78064
µPD78098
µPD78P0914
—
—
—
—
Timer
3ch (UART:1ch)
2ch
3ch (UART:1ch)
2ch
1ch
1ch (UART:1ch)
2ch
1ch
2ch
3ch (UART:1ch)
2ch (UART:1ch)
3ch (UART:1ch)
2ch
External
expan-
sion
Watch
8-bit
WDT
ROM
capacity
32K-60K
—
48K-60K
48K-60K
16K-60K
8K-60K
8K-32K
8K
8K-16K
32K-60K
16K-40K
32K-48K
24K-32K
48K-60K
32K
16K-32K
32K-60K
32K
4ch
2ch
2ch
2ch
2ch
6ch
16-bit
1ch
1ch
1ch
1ch
1ch
8ch
—
8ch
8ch
8ch
8ch
8ch
2ch
—
2ch
—
—
—
2ch
—
8-bit
A/D
8-bit
D/A
Serial
interface
Minimum
VDD
I/O
For LV
1ch
—
1ch
—
1ch
1ch
1ch
—
88 pins
61 pins
88 pins
69 pins
53 pins
39 pins
53 pins
33 pins
74 pins
68 pins
54 pins
57 pins
69 pins
54 pins
1ch
—
1ch
1ch
1ch
—
1.8 V
2.7 V
2.0 V
1.8 V
2.7 V
1.8 V
2.7 V
1.8 V
2.0 V
2.7 V
4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com