Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 1 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 1 Page - NEC

  UPD78044F Datasheet HTML 1Page - NEC UPD78044F Datasheet HTML 2Page - NEC UPD78044F Datasheet HTML 3Page - NEC UPD78044F Datasheet HTML 4Page - NEC UPD78044F Datasheet HTML 5Page - NEC UPD78044F Datasheet HTML 6Page - NEC UPD78044F Datasheet HTML 7Page - NEC UPD78044F Datasheet HTML 8Page - NEC UPD78044F Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
8-BIT SINGLE-CHIP MICROCOMPUTER
MOS INTEGRATED CIRCUIT
DATA SHEET
µPD78044H, 78045H, 78046H
Document No. U10865EJ1V0DS00 (1st edition)
Date Published August 1996 P
Printed in Japan
The
µPD78044H, µPD78045H, and µPD78046H are µPD78044H sub-series products in the 78K/0 series.
These microcomputers are advanced models of the
µPD78044A sub-series, featuring the added N-ch open-drain
I/O ports.
In addition, the
µPD78P048B (one-time PROM or EPROM model) that can operate in the same voltage range as
that of the mask ROM models, and various development tools are provided.
The functions of these microcomputers are described in detail in the following User’s Manual. Be sure
to read this manual when you design a system using any of these microcomputers.
µPD78044H Sub-Series User’s Manual : To be created
78K/0 Series User's Manual, Instruction: IEU-1372
FEATURES
• I/O ports: 68 (N-ch open-drain I/O: 13)
• High-capacity ROM and RAM
Data memory
FIP display RAM
48 bytes
• Serial interface: 1 channel
• Timer: 5 channels
• Power supply voltage: VDD = 2.7 to 5.5 V
APPLICATIONS
VCRs, audio systems, etc.
ORDERING INFORMATION
Part number
Package
µPD78044HGF-×××-3B9
80-pin plastic QFP (14
× 20 mm)
µPD78045HGF-×××-3B9
80-pin plastic QFP (14
× 20 mm)
µPD78046HGF-×××-3B9
80-pin plastic QFP (14
× 20 mm)
Remark
××× indicates ROM code number.
• Wide range of instruction execution time:
From high-speed (0.4
µs) to ultra low-speed (122 µs)
• FIP controller/driver: total display outputs: 34
• 8-bit resolution A/D converter: 8 channels
µPD78044H
µPD78045H
µPD78046H
32K bytes
40K bytes
48K bytes
1024 bytes
Internal high-speed RAM
Program memory
(ROM)
Product name
Item
The information in this document is subject to change without notice.
The mark 5 shows major revised points.
©
1990
1996


Similar Part No. - UPD78044F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78044F NEC-UPD78044F Datasheet
4Mb / 472P
8-bit Single-Chip Microcontroller
UPD78044F NEC-UPD78044F Datasheet
565Kb / 66P
8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78044F NEC-UPD78044F Datasheet
1Mb / 26P
8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78044F NEC-UPD78044F Datasheet
660Kb / 90P
8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78044F NEC-UPD78044F Datasheet
345Kb / 52P
8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD78044F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Sanyo Semicon Device
LC866032B SANYO-LC866032B Datasheet
390Kb / 20P
8-bit single chip microcomputer???
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
SINGLE CHIP 8 BIT MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
8-bit single chip microcomputer
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
8-BIT SINGLE-CHIP MICROCOMPUTER
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com