Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 9 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 9 Page - NEC

Back Button UPD78044F Datasheet HTML 5Page - NEC UPD78044F Datasheet HTML 6Page - NEC UPD78044F Datasheet HTML 7Page - NEC UPD78044F Datasheet HTML 8Page - NEC UPD78044F Datasheet HTML 9Page - NEC UPD78044F Datasheet HTML 10Page - NEC UPD78044F Datasheet HTML 11Page - NEC UPD78044F Datasheet HTML 12Page - NEC UPD78044F Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
9
µPD78044H, 78045H, 78046H
3. PIN FUNCTIONS
3.1
PORT PINS (1/2)
Port 1
8-bit I/O port
Can be specified for input or output in 1-bit units.
When used as an input port pin, a built-in pull-up resistor can be
connected through software.Note 2
Port 2
8-bit I/O port
Can be specified for input or output in 1-bit units.
When used as an input port pin, a built-in pull-up resistor can be
connected through software.
Notes 1. When the P04/XT1 pin is used as an input port pin, bit 6 (FRC) of the processor clock control register
(PCC) must be set to 1. At this time, do not use the feedback resistor of the subsystem clock oscillator
circuit.
2. When the P10/ANI0 through P17/ANI7 pins are used as the analog input lines of the A/D converter, be
sure to place the port 1 in the input mode. In this case, the built-in pull-up resistors are automatically
unused.
Pin
P00
P01
P02
P03
P04Note 1
P10-P17
P20
P21
P22
P23
P24
P25
P26
P27
P30
P31
P32
P33
P34
P35
P36
P37
Port 0
5-bit I/O port
Input only
Can be specified for input or output in 1-
bit units. When used as an input port
pin, a built-in pull-up resistor can be
connected through software.
Input only
Function
Port 3
N-ch open-drain 8-bit I/O port
Can be specified for input or output in 1-bit units.
Can directly drive LEDs.
A built-in pull-up resistor can be connected in 1-bit units by the
mask option.
Input
I/O
Input
I/O
I/O
I/O
I/O
Shared by:
On reset
Input
Input
Input
Input
Input
Input
INTP0/TI0
INTP1
INTP2
INTP3
XT1
ANI0-ANI7
SI1
SO1
SCK1
—
—
—
—
—
TO0
TO1
TO2
—
—
PCL
BUZ
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com