Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXVLUTR Datasheet(PDF) 25 Page - NXP Semiconductors

Part # FS32K112BHTXVLUTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXVLUTR Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button FS32K112BHTXVLUTR Datasheet HTML 21Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 22Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 23Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 24Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 25Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 26Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 27Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 28Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
Table 14. VLPS additional use-case power consumption at typical conditions 1, 2, 3
Use-case
Description
Temp.
Device
Unit
S32K116
S32K118
S32K142
S32K144
S32K14x
W
S32K146
S32K148
VLPS and RTC
• Clock source: LPO or
RTC_CLKIN
25
30
30
30
31
TBD
38
40
μA
85
96
102
148
170
TBD
227
356
μA
105
179
189
280
290
TBD
460
600
μA
125
281
327
570
680
TBD
810
1250
μA
VLPS and
LPUART TX/RX
• Clock source: SIRC
• Transmiting or receiving
continuously using DMA
• Baudrate: 19.2 kbps
25
179
187
230
230
TBD
250
250
μA
85
235
244
320
400
TBD
410
490
μA
105
304
325
490
550
TBD
600
850
μA
125
499
551
890
1070
TBD
1250
1960
μA
VLPS and
LPUART wake-up
• Clock source: SIRC
• Wake-up address feature
enabled
• Baudrate: 19.2 kbps
25
107
107
135
138
TBD
146
146
μA
85
149
157
170
240
TBD
280
350
μA
105
199
223
260
400
TBD
480
600
μA
125
347
405
530
580
TBD
1000
1280
μA
VLPS and LPI2C
master
• Clock Source: SIRC
• Transmit/receive using DMA
• Baudrate: 100 kHz
25
600
600
670
690
TBD
820
900
μA
85
696
712
880
960
TBD
1220
1370
μA
105
815
852
1080
1250
TBD
1660
2060
μA
125
1152
1251
1970
1980
TBD
2860
3690
μA
VLPS and LPI2C
slave wake-up
• Clock source: SIRC
• Wake-up address feature
enabled
• Baudrate: 100 kHz
25
260
260
260
260
TBD
270
280
μA
85
293
308
340
340
TBD
410
510
μA
105
339
367
430
430
TBD
610
810
μA
125
478
543
740
760
TBD
1170
1540
μA
VLPS and LPSPI
master 4
• Clock source: SIRC
• Transmit/receive using DMA
• Baudrate: 500 kHz
25
2.51
2.94
2.99
3.19
TBD
3.75
4.11
mA
85
2.67
3.09
3.26
3.7
TBD
4.35
4.93
mA
105
2.83
3.21
3.5
4.2
TBD
4.93
5.74
mA
125
3.34
3.53
3.93
4.63
TBD
5.97
7.38
mA
VLPS and LPIT
• Clock source: SIRC
• 1 channel enable
• Mode: 32-bit periodic counter
25
114
114
114
114
TBD
120
130
μA
85
158
164
190
250
TBD
260
320
μA
105
210
223
310
410
TBD
440
570
μA
125
371
408
640
750
TBD
910
1280
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com