Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXVLUTR Datasheet(PDF) 98 Page - NXP Semiconductors

Part # FS32K112BHTXVLUTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXVLUTR Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button FS32K112BHTXVLUTR Datasheet HTML 92Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 93Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 94Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 95Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 96Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 97Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 98Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 99Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 100Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 98 / 100 page
background image
Table 57. Revision History (continued)
Rev. No.
Date
Substantial Changes
• Updated specs for TJIT Cycle-to-Cycle jitter to 300 ps
• In QuadSPI AC specifications :
• Updated specs for Tiv Data Output In-Valid Time
• In figure 'QuadSPI output timing (SDR mode) diagram', marked Invalid
area
• In CMP with 8-bit DAC electrical specifications :
• Removed '(VAIO)' from decription of VHYST0
• In LPSPI electrical specifications :
• Added note 'Undefined' in figures 'LPSPI slave mode timing (CPHA =
0)' and 'LPSPI slave mode timing (CPHA = 1)'
9
18 Sep 2018
• In attachment 'S32K1xx_Power_Modes _Configuration':
• Added separate sheet for S32K14x and S32K11x devices
• Renamed VLPS (Peripherals Enabled) to VLPS (LPTMR enabled)
• Removed Note "Technical information ..."
• In Features:
• Updated Clock interfaces for '4 – 40 MHz fast external oscillator
(SOSC)' and 'Real Time Counter'
• Added 'Up to 20 MHz TCLK and 25 MHz SWD_CLK'
• In Absolute maximum ratings : Updated footnote 3 '60 seconds lifetime ... '
• Updated title of table Thermal operating characteristics
• In Ordering information :
• Updated 'Temperature'
• Updated 'Wafer Fab and Mask revision identifier'
• In Power consumption :
• Renamed 'VLPS Peripheral enabled' to 'LPTMR enabled'
• Added IDDs for S32K118 for 85 °C, 105 °C and 125 °C
• Updated IDDs for S32K118 for 25 °C
• Added IDDs for VLPR Peripherals enabled use case 2 for S32K116
• Updated IDDs and added footnotes in table 'VLPS additional use-case
power consumption at typical conditions'
• In General AC specifications :
• Updated footnote of WFRST and WNFRST
• In External System Oscillator electrical specifications :
• Added footnote to RS
• Renamed Vpp to Vpp_XTAL and updated the description accordingly
• Added Vpp_EXTAL
• Added VSOSCOP
• Updated equation 'gm_crit = 4 ...' in footnote 1
• In External System Oscillator frequency specifications :
• Added footnote "For an ideal clock of 40 MHz, if permitted ..." to fosc_hi
max.
• In Fast internal RC Oscillator (FIRC) electrical specifications :
• Updated note "Fast internal ... "
• In LPSPI electrical specifications :
• Updated figures 'LPSPI slave mode timing (CPHA = 0)' and 'LPSPI
slave mode timing (CPHA = 1)'
10
09 May 2019
• In Notes: Added note 'Technical information for the S32K148 ... '
• In attachment 'S32K1xx_Orderable_Part_Number_List':
• Added ISELED PN
• Added PN for new package offering (48-pin LQFP S32K142; 48-pin
LQFP S32K144; 100-pin LQFP S32K148)
• Added NFC PN
• Added UA as S32K148 Standard PN
• Updated Standard Base Feature Offer
• In figure 'S32K1xx product series comparison' :
Table continues on the next page...
Revision History
S32K1xx Data Sheet, Rev. 12, 02/2020
98
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com