Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXVLUTR Datasheet(PDF) 68 Page - NXP Semiconductors

Part # FS32K112BHTXVLUTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXVLUTR Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button FS32K112BHTXVLUTR Datasheet HTML 64Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 65Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 66Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 67Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 68Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 69Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 70Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 71Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
Table 46. LPSPI electrical specifications1 (continued)
Descripti
on
Conditions
Run Mode2
HSRUN Mode2
VLPR Mode (S32K1xx)
VLPR Mode (S32K14xW)
Un
it
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max Min
Max
Min
Max
Master
Loopback5
7
-
8
-
5
-
7
-
20
-
20
-
60
-
60
-
Master
Loopback(sl
ow)6
8
-
10
-
7
-
9
-
20
-
20
-
61
-
61
-
7
tHI
Data hold
time(input
s)
Slave
3
-
3
-
3
-
3
-
14
-
14
-
27
-
27
-
ns
Master
0
-
0
-
0
-
0
-
0
-
0
-
0
-
0
-
Master
Loopback5
3
-
3
-
2
-
3
-
11
-
11
-
26
-
26
-
Master
Loopback(sl
ow)6
3
-
3
-
3
-
3
-
12
-
12
-
20
-
20
-
8
ta
Slave
access
time
Slave
-
50
-
50
-
50
-
50
-
100
-
100 -
180
-
180
ns
9
tdis
Slave
MISO
(SOUT)
disable
time
Slave
-
50
-
50
-
50
-
50
-
100
-
100 -
180
-
180
ns
10
tv
Data valid
(after
SPSCK
edge)
Slave
-
30
-
39
-
26
-
36 11
31 12
-
92
-
96
-
190
-
190
ns
Master
-
12
-
16
-
11
-
15
-
47
-
48
-
113
-
113
Master
Loopback5
-
12
-
16
-
11
-
15
-
47
-
48
-
112
-
112
Master
Loopback(sl
ow)6
-
8
-
10
-
7
-
9
-
44
-
44
-
99
-
99
11
tHO
Data hold
time(outpu
ts)
Slave
4
-
4
-
4
-
4
-
4
-
4
-
4
-
4
-
ns
Master
-15
-
-22
-
-15
-
-23
-
-22
-
-29
-
-30
-
-30
-
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com