Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXVLUTR Datasheet(PDF) 92 Page - NXP Semiconductors

Part # FS32K112BHTXVLUTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXVLUTR Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button FS32K112BHTXVLUTR Datasheet HTML 88Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 89Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 90Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 91Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 92Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 93Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 94Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 95Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
Table 57. Revision History
Rev. No.
Date
Substantial Changes
• Added footnotes Vih Input Buffer High Voltage and Vih Input Buffer Low
Voltage
• Updated table: AC electrical specifications at 3.3 V range
• Updated table: AC electrical specifications at 5 V range
• In table: Standard input pin capacitance
• Added footnote to Normal run mode (S32K14x series)
• Removed note from 1M ohms Feedback Resistor in figure Oscillator
connections scheme
• In table: External System Oscillator electrical specifications
• Updated typical of IDDOSC Supply current — low-gain mode (low-power
mode) (HGO=0) 1 for 4 and 8 MHz
• Removed rows for Ilk_ext EXTAL/XTAL impedence High-frequency, low-
gain mode (low-power mode) and high-frequency, high-gain mode and
VEXTAL
• Updated Typ. of RS low-gain mode
• Updated description of RF, RS, and VPP
• Removed footnote from RF Feedback resistor
• Updated footnote for C1 C2 and RF
• In table: Table 28
• Removed mention of high-frequency
• Added HGO 0, 1 information
• In table: Fast internal RC Oscillator electrical specifications
• Updated FFIRC
• Updated description of
ΔF
• Updated typ and max values of TJIT cycle-to-cycle jitter and TJIT Long
term jitter over 1000 cycles
• Added footnotes to TJIT cycle-to-cycle jitter and TJIT Long term jitter
over 1000 cycles
• Updated naming convention of IDDFIRC Supply current
• Added footnote to IDDFIRC Supply current
• Added footnote to column Parameter
• In table: Slow internal RC oscillator (SIRC) electrical specifications
• Removed VDD Supply current in 2 MHz Mode
• Removed footnote and updated description of
ΔF
• Updated footnote to FSIRC and IDDSIRC
• In table: SPLL electrical specifications
• Added row for FSPLL_REF PLL Reference
• Updated naming convention throughout the table
• Updated the max value of TSPLL_LOCK Lock detector detection time
• In table: Flash timing specifications — commands
• Added footnotes:
• All command times assumes ...
• For all EEPROM Emulation terms ...
• 'First time' EERAM writes after a POR ...
• Removed footnote 'Assumes 25 MHz or ...'
• Updated Max of teewr32bers
• Added parameters tquickwr and tquickwrClnup
• In table: Reliability specifications
• Removed Typ. values for all parameters
• Removed footnote 'Typical values represent ... '
• Added footnote 'Any other EEE driver usage ... '
• Updated QuadSPI AC specifications
• Removed topic: Reliability, Safety and Security modules
• In table: 12-bit ADC operating conditions
• Updated VDDA
Table continues on the next page...
Revision History
S32K1xx Data Sheet, Rev. 12, 02/2020
92
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com