Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXVLUTR Datasheet(PDF) 93 Page - NXP Semiconductors

Part # FS32K112BHTXVLUTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXVLUTR Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button FS32K112BHTXVLUTR Datasheet HTML 89Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 90Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 91Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 92Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 93Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 94Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 95Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 96Page - NXP Semiconductors FS32K112BHTXVLUTR Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 100 page
background image
Table 57. Revision History (continued)
Rev. No.
Date
Substantial Changes
• Updated values for VREFH and VREFL to add refernce to the section
"voltage and current operating requirments" for Min and Max valaues
• Updated footnote to Typ.
• Removed footnote from RAS Analog source resistance
• Updated figure: ADC input impedance equivalency diagram
• In table: 12-bit ADC characteristics (2.7 V to 3 V) (VREFH = VDDA, VREFL =
VSS)
• Removed rows for VTEMP_S and VTEMP25
• Updated footnote to Typ.
• In table: 12-bit ADC characteristics (3 V to 5.5 V)(VREFH = VDDA, VREFL =
VSS)
• Removed rows for VTEMP_S and VTEMP25
• Removed number for TUE
• Updated footnote to Typ.
• In table: Comparator with 8-bit DAC electrical specifications
• Updated Typ. of IDDLS Supply current, Low-speed mode
• Updated Typ. of tDLSB Propagation delay, Low-speed mode
• Updated Typ. of tDHSS Propagation delay, High-speed mode
• Updated tDLSS Propagation delay
• Added row for tDDAC Initialization and switching settling time
• Updated footnote
• Updated section LPSPI electrical specifications
• Added section: SAI electrical specifications
• Updated section: Ethernet AC specifications
• Added section: Clockout frequency
• Added section: Trace electrical specifications
• Updated table: Table 55 : Updated numbers for S32K142 and S32K148
• Updated table: Table 56 : Updated numbers for S32K148
• Updated Document number for 32-pin QFN in topic Obtaining package
dimensions
3
14 March 2017
• In Table 3
• Updated min. value of VDD_OFF
• Added parameter IINJSUM_AF
• Updated Power mode transition operating behaviors
• Updated Power consumption
• Updated footnote to TSPLL_LOCK in SPLL electrical specifications
• In 12-bit ADC electrical characteristics
• Updated table: 12-bit ADC characteristics (2.7 V to 3 V) (VREFH =
VDDA, VREFL = VSS)
• Added typ. value to IDDA_ADC, TUE, DNL, and INL
• Added min. value to SMPLTS
• Removed footnote 'All the parameters in this table ... '
• Updated table: 12-bit ADC characteristics (3 V to 5.5 V) (VREFH =
VDDA, VREFL = VSS)
• Added typ. value to IDDA_ADC
• Removed footnote 'All the parameters in this table ... '
• In Flash timing specifications — commands updated Max. value of tvfykey to
33 μs
4
02 June 2017
• In section: Block diagram, added block diagram for S32K11x series.
• Updated figure: S32K1xx product series comparison.
• In section: Selecting orderable part number , added reference to attachement
S32K_Part_Numbers.xlsx.
• In section: Ordering information
• Updated figure: Ordering information.
• In Table 1,
Table continues on the next page...
Revision History
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com