Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2991IDDFR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2991IDDFR
Description  OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2991IDDFR Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA2991IDDFR Datasheet HTML 22Page - Texas Instruments OPA2991IDDFR Datasheet HTML 23Page - Texas Instruments OPA2991IDDFR Datasheet HTML 24Page - Texas Instruments OPA2991IDDFR Datasheet HTML 25Page - Texas Instruments OPA2991IDDFR Datasheet HTML 26Page - Texas Instruments OPA2991IDDFR Datasheet HTML 27Page - Texas Instruments OPA2991IDDFR Datasheet HTML 28Page - Texas Instruments OPA2991IDDFR Datasheet HTML 29Page - Texas Instruments OPA2991IDDFR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
Amplifiers application report contains detailed information on the topic of EMIRR performance as it relates to op
amps and is available for download from www.ti.com.
Frequency (Hz)
40
50
60
70
80
90
100
110
1M
10M
100M
1G
C004
Figure 7-3. EMIRR Testing
Table 7-1. OPA991 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
73.2 dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF applications
82.5 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1 GHz to 2 GHz)
89.7 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
93.9 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
95.7 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4 GHz to 8 GHz)
98.0 dB
OPA991, OPA2991, OPA4991
SBOS969D – OCTOBER 2019 – REVISED JULY 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com