Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2991IDDFR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2991IDDFR
Description  OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2991IDDFR Datasheet(HTML) 32 Page - Texas Instruments

Back Button OPA2991IDDFR Datasheet HTML 28Page - Texas Instruments OPA2991IDDFR Datasheet HTML 29Page - Texas Instruments OPA2991IDDFR Datasheet HTML 30Page - Texas Instruments OPA2991IDDFR Datasheet HTML 31Page - Texas Instruments OPA2991IDDFR Datasheet HTML 32Page - Texas Instruments OPA2991IDDFR Datasheet HTML 33Page - Texas Instruments OPA2991IDDFR Datasheet HTML 34Page - Texas Instruments OPA2991IDDFR Datasheet HTML 35Page - Texas Instruments OPA2991IDDFR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
7.3.8 Overload Recovery
Overload recovery is defined as the time required for the op amp output to recover from a saturated state to a
linear state. The output devices of the op amp enter a saturation region when the output voltage exceeds the
rated operating voltage, either due to the high input voltage or the high gain. After the device enters the
saturation region, the charge carriers in the output devices require time to return back to the linear state. After
the charge carriers return back to the linear state, the device begins to slew at the specified slew rate. Thus, the
propagation delay in case of an overload condition is the sum of the overload recovery time and the slew time.
The overload recovery time for the OPAx991 is approximately 500 ns.
7.3.9 Typical Specifications and Distributions
Designers often have questions about a typical specification of an amplifier in order to design a more robust
circuit. Due to natural variation in process technology and manufacturing procedures, every specification of an
amplifier will exhibit some amount of deviation from the ideal value, like an amplifier's input offset voltage. These
deviations often follow Gaussian ("bell curve"), or normal distributions, and circuit designers can leverage this
information to guardband their system, even when there is not a minimum or maximum specification in the
Section 6.7 table.
1
1
1
1
1
1
1
1
1
0.00002%
1
1
1
0.00002%
-1
-21
-31
-41
-51
-61
+1
+21
+31
+41
+51
+61
34.13% 13.59%
34.13%
13.59%
2.145%
2.145% 0.13185%
0.13185%
0.00312%
0.00312%
Figure 7-11. Ideal Gaussian Distribution
Figure 7-11 shows an example distribution, where µ, or mu, is the mean of the distribution, and where σ, or
sigma, is the standard deviation of a system. For a specification that exhibits this kind of distribution,
approximately two-thirds (68.26%) of all units can be expected to have a value within one standard deviation, or
one sigma, of the mean (from µ–σ to µ+σ).
Depending on the specification, values listed in the typical column of the Section 6.7 table are represented in
different ways. As a general rule of thumb, if a specification naturally has a nonzero mean (for example, like gain
bandwidth), then the typical value is equal to the mean (µ). However, if a specification naturally has a mean near
zero (like input offset voltage), then the typical value is equal to the mean plus one standard deviation (µ + σ) in
order to most accurately represent the typical value.
You can use this chart to calculate approximate probability of a specification in a unit; for example, for OPAx991,
the typical input voltage offset is 125 µV, so 68.2% of all OPAx991 devices are expected to have an offset from –
OPA991, OPA2991, OPA4991
SBOS969D – OCTOBER 2019 – REVISED JULY 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com