Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2991IDDFR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2991IDDFR
Description  OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2991IDDFR Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA2991IDDFR Datasheet HTML 23Page - Texas Instruments OPA2991IDDFR Datasheet HTML 24Page - Texas Instruments OPA2991IDDFR Datasheet HTML 25Page - Texas Instruments OPA2991IDDFR Datasheet HTML 26Page - Texas Instruments OPA2991IDDFR Datasheet HTML 27Page - Texas Instruments OPA2991IDDFR Datasheet HTML 28Page - Texas Instruments OPA2991IDDFR Datasheet HTML 29Page - Texas Instruments OPA2991IDDFR Datasheet HTML 30Page - Texas Instruments OPA2991IDDFR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
7.3.3 Thermal Protection
The internal power dissipation of any amplifier causes its internal (junction) temperature to rise. This
phenomenon is called self heating. The absolute maximum junction temperature of the OPAx991 is 150°C.
Exceeding this temperature causes damage to the device. The OPAx991 has a thermal protection feature that
reduces damage from self heating. The protection works by monitoring the temperature of the device and turning
off the op amp output drive for temperatures above 170°C. Figure 7-4 shows an application example for the
OPA991 that has significant self heating because of its power dissipation (0.81 W). Thermal calculations indicate
that for an ambient temperature of 65°C, the device junction temperature must reach 177°C. The actual device,
however, turns off the output drive to recover towards a safe junction temperature. Figure 7-4 shows how the
circuit behaves during thermal protection. During normal operation, the device acts as a buffer so the output is 3
V. When self heating causes the device junction temperature to increase above the internal limit, the thermal
protection forces the output to a high-impedance state and the output is pulled to ground through resistor RL. If
the condition that caused excessive power dissipation is not removed, the amplifier will oscillate between a
shutdown and enabled state until the output fault is corrected.
170ºC
3 V
0 V
30 V
RL
100
VIN
3 V
+
3 V
–
I
OUT = 30 mA
OPA991
TA = 65°C
PD = 0.81W
JA = 138.7°C/W
TJ = 138.7°C/W × 0.81W + 65°C
TJ = 177.3°C (expected)
+
–
Figure 7-4. Thermal Protection
If the device continues to operate at high junction temperatures with high output power over a long period of
time, regardless if the device is or is not entering thermal shutdown, the thermal dissipation of the device can
slowly degrade performance of the device and eventually cause catastrophic destruction. Designers should be
careful to limit output power of the device at high temperatures, or control ambient and junction temperatures
under high output power conditions.
7.3.4 Capacitive Load and Stability
The OPAx991 features a resistive output stage capable of driving moderate capacitive loads, and by leveraging
an isolation resistor, the device can easily be configured to drive large capacitive loads. Increasing the gain
enhances the ability of the amplifier to drive greater capacitive loads; see Figure 7-5 and Figure 7-6. The
particular op amp circuit configuration, layout, gain, and output loading are some of the factors to consider when
establishing whether an amplifier will be stable in operation.
www.ti.com
OPA991, OPA2991, OPA4991
SBOS969D – OCTOBER 2019 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com