Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2991IDDFR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2991IDDFR
Description  OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2991IDDFR Datasheet(HTML) 31 Page - Texas Instruments

Back Button OPA2991IDDFR Datasheet HTML 27Page - Texas Instruments OPA2991IDDFR Datasheet HTML 28Page - Texas Instruments OPA2991IDDFR Datasheet HTML 29Page - Texas Instruments OPA2991IDDFR Datasheet HTML 30Page - Texas Instruments OPA2991IDDFR Datasheet HTML 31Page - Texas Instruments OPA2991IDDFR Datasheet HTML 32Page - Texas Instruments OPA2991IDDFR Datasheet HTML 33Page - Texas Instruments OPA2991IDDFR Datasheet HTML 34Page - Texas Instruments OPA2991IDDFR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
Power-Supply
ESD Cell
100 Ÿ
100 Ÿ
VSS
VDD
IN±
IN+
+
±
R1
RS
RF
TVS
TVS
RL
VIN
+VS
±VS
OPAx990
ID
+
±
Figure 7-10. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
An ESD event is very short in duration and very high voltage (for example; 1 kV, 100 ns), whereas an EOS event
is long duration and lower voltage (for example; 50 V, 100 ms). The ESD diodes are designed for out-of-circuit
ESD protection (that is, during assembly, test, and storage of the device before being soldered to the PCB).
During an ESD event, the ESD signal is passed through the ESD steering diodes to an absorption circuit
(labeled ESD power-supply circuit). The ESD absorption circuit clamps the supplies to a safe level.
Although this behavior is necessary for out-of-circuit protection, excessive current and damage is caused if
activated in-circuit. A transient voltage suppressors (TVS) can be used to prevent against damage caused by
turning on the ESD absorption circuit during an in-circuit ESD event. Using the appropriate current limiting
resistors and TVS diodes allows for the use of device ESD diodes to protect against EOS events.
www.ti.com
OPA991, OPA2991, OPA4991
SBOS969D – OCTOBER 2019 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com