Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2563RPPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563RPPR
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563RPPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS2563RPPR Datasheet HTML 35Page - Texas Instruments TAS2563RPPR Datasheet HTML 36Page - Texas Instruments TAS2563RPPR Datasheet HTML 37Page - Texas Instruments TAS2563RPPR Datasheet HTML 38Page - Texas Instruments TAS2563RPPR Datasheet HTML 39Page - Texas Instruments TAS2563RPPR Datasheet HTML 40Page - Texas Instruments TAS2563RPPR Datasheet HTML 41Page - Texas Instruments TAS2563RPPR Datasheet HTML 42Page - Texas Instruments TAS2563RPPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
Table 8-17. Digital Input Pull Down Enables (continued)
REGISTER BIT
DESCRIPTION
BIT VALUE
STATE
DIN_PD[7]
Weak pull down for GPIO.
0
Disabled
1
Enabled (default)
8.4 Device Functional Modes
8.4.1 PDM Input
The TAS2563 provides one PDM input. Figure 8-11 below illustrates the double data rate nature of the PDM
input. It has two interleaved PDM channels, one sampled by the rising edge and the other by the falling edge of
the clock.
PDM CLK
PDM DATA
Rising
Channel
Falling
Channel
Figure 8-11. PDM Waveform
The PDM inputs are sampled by the PDMCLK pin, which can be configured as either a PDM clock slave input or
a PDM clock master output. The PDM_MIC_EDGE and PDM_MIC_SLV register bits select the sample clock
edge and master/slave mode PDM inputs. In master mode the PDMCLK pin can disable the clocks (and drive a
logic 0) by setting the PDM_GATE_PAD0 register bits low.
When configured as a clock slave, the PDM clock input does not require a specific phase relationship to the
system clock (SBCLK in TDM/I2S Mode), but must be from the same source as audio sample rate. This is
equivalent to 64/32/16 (~3 MHz) or 128/64/32 (~6 MHz) times a single/double/quadruple speed sample rate. The
PDM rate is set by the PDM_RATE_PAD0 .
When PDMCLK pin is configured as a clock master, the TAS2563 will output a 50% duty cycle clock of frequency
that is set by the PDM_RATE_PAD0 and register bit (64/32/16 or 128/64/32 times a single/double/quadruple
speed sample rate).
www.ti.com
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com