Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2563RPPR Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563RPPR
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563RPPR Datasheet(HTML) 64 Page - Texas Instruments

Back Button TAS2563RPPR Datasheet HTML 60Page - Texas Instruments TAS2563RPPR Datasheet HTML 61Page - Texas Instruments TAS2563RPPR Datasheet HTML 62Page - Texas Instruments TAS2563RPPR Datasheet HTML 63Page - Texas Instruments TAS2563RPPR Datasheet HTML 64Page - Texas Instruments TAS2563RPPR Datasheet HTML 65Page - Texas Instruments TAS2563RPPR Datasheet HTML 66Page - Texas Instruments TAS2563RPPR Datasheet HTML 67Page - Texas Instruments TAS2563RPPR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 127 page
background image
OUT_P
OUT_N
VSNS_P
VSNS_N
fb
fb
Figure 8-19. V-Sense Connections
I-Sense and V-Sense can be powered down by asserting the ISNS_PD and VSNS_PD register bits respectively.
When powered down, the device will return null samples for the powered down block. The IV-sense is High Pass
Filtered and the Bi-Quad filter coefficients can be changed from the default 2 Hz using the IVHPFC_N0,
IVHPFC_N1, IVHPFC_D1 registers using the equations [N, D] = butter(1, fc/(fs/2), 'high'); round(N(0)*2^31);.
These coefficients can be calculated and set using Section 8.3.1.
Table 8-79. I-Sense Power Down
ISNS_PD
SETTING
0
I-Sense is active
1
I-Sense is powered down
(default)
Table 8-80. V-Sense Power Down
VSNS_PD
SETTING
0
V-Sense is active
1
V-Sense is powered down
(default)
8.4.6 Load Diagnostics
The TAS2563 can check the speaker terminal for an open or short. This can be used to determine if a problem
exists with the speaker or trace to the speaker. The entire operation is performed by the TAS2563 and results
reported using the IRQZ pin or read over I2C bus on completion. The load diagnostics can be performed using
external audio clock or the internal oscillator.
Short Load
LDG_RES_UT
LDG_RES_LT
Open Load
Figure 8-20. Load Diagnostics
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
www.ti.com
64
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com