Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2563RPPR Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563RPPR
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563RPPR Datasheet(HTML) 90 Page - Texas Instruments

Back Button TAS2563RPPR Datasheet HTML 86Page - Texas Instruments TAS2563RPPR Datasheet HTML 87Page - Texas Instruments TAS2563RPPR Datasheet HTML 88Page - Texas Instruments TAS2563RPPR Datasheet HTML 89Page - Texas Instruments TAS2563RPPR Datasheet HTML 90Page - Texas Instruments TAS2563RPPR Datasheet HTML 91Page - Texas Instruments TAS2563RPPR Datasheet HTML 92Page - Texas Instruments TAS2563RPPR Datasheet HTML 93Page - Texas Instruments TAS2563RPPR Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 127 page
background image
8.5.43 INT & CLK CFG (page=0x00 address=0x30) [reset=19h]
Figure 8-62. INT & CLK CFG Register Address: 0x30
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
CLR_INTP_LTC
H
IRQZ_PIN_CFG[1:0]
RW-0h
RW-0h
RW-3h
RW-0h
RW-1h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-132. Field Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
RW
0h
Reserved
6
Reserved
RW
0h
Reserved
5-3
Reserved
RW
3h
Reserved
2
CLR_INTP_LTCH
RW
0h
Clear INT_LTCH registers to clear interrupts (self clearing bit)
0b = Don't clear
1b = Clear INT_LTCH registers
1-0
IRQZ_PIN_CFG[1:0]
RW
1h
IRQZ interrupt configuration.
00b = IRQZ will assert on any unmasked live interrupts
01b = IRQZ will assert on any unmasked latched interrupts
10b = IRQZ will assert for 2-4ms one time on any unmasked live
interrupt event
11b = IRQZ will assert for 2-4ms every 4ms on any unmasked
latched interrupts
8.5.44 DIN_PD (page=0x00 address=0x31) [reset=40h]
Sets enables of input pin weak pull down.
Figure 8-63. DIN_PD Register Address: 0x31
7
6
5
4
3
2
1
0
DIN_PD[7]
Reserved
DIN_PD[5]
DIN_PD[4]
DIN_PD[3]
DIN_PD[2]
DIN_PD[1]
DIN_PD[0]
RW-0h
RW-1h
RW-0h
RW-0h
RW-0h
RW-0h
RW-0h
RW-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-133. Digital Input Pin Pull Down Field Descriptions
Bit
Field
Type
Reset
Description
7
DIN_PD[7]
RW
0h
Weak pull down for SBCLK2
0b = Disabled
1b = Enabled
6
Reserved
RW
1h
Reserved
5
DIN_PD[5]
RW
0h
Weak pull down for SPII2CZ_MISO
0b = Disabled
1b = Enabled
4
DIN_PD[4]
RW
0h
Weak pull down for ADDR_SPICLK
0b = Disabled
1b = Enabled
3
DIN_PD[3]
RW
0h
Weak pull down for SDOUT
0b = Disabled
1b = Enabled
2
DIN_PD[2]
RW
0h
Weak pull down for SDIN.
0b = Disabled
1b = Enabled
1
DIN_PD[1]
RW
0h
Weak pull down for FSYNC.
0b = Disabled
1b = Enabled
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
www.ti.com
90
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com