Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2563RPPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563RPPR
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563RPPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS2563RPPR Datasheet HTML 9Page - Texas Instruments TAS2563RPPR Datasheet HTML 10Page - Texas Instruments TAS2563RPPR Datasheet HTML 11Page - Texas Instruments TAS2563RPPR Datasheet HTML 12Page - Texas Instruments TAS2563RPPR Datasheet HTML 13Page - Texas Instruments TAS2563RPPR Datasheet HTML 14Page - Texas Instruments TAS2563RPPR Datasheet HTML 15Page - Texas Instruments TAS2563RPPR Datasheet HTML 16Page - Texas Instruments TAS2563RPPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 127 page
background image
TA = 25 °C, VBAT = 3.6 V, (External PVDD = 12 V), VDD = 1.8 V, RL = 8Ω + 33 µH, fin = 1 kHz, SSM, fs = 48 kHz, Gain = 16
dBV (External PVDD Gain=18 dBV), SDZ = 1, Thermal Foldback Disabled, Measured filter free with an Audio Precision with
a 22 Hz to 20 kHz un-weighted bandwidth (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LPF passband ripple
-0.05
0.05
dB
LPF stopband attenuation
0.55 fs
60
dB
VOLTAGE/CURRENT
SENSE RATIO
Gain ratio error over output power
50mW to 0.1 % THD+N level, fin = 1
kHz, 8Ω, using a 60Hz -40dB pilot
tone
±1%
Gain ratio drift over temperature
0°C to 70°C
±1%
V/I phase error
300
ns
TYPICAL CURRENT
CONSUMPTION
Current consumption in hardware
shutdown
SDZ = 0, VBAT
1
µA
SDZ = 0, VDD
1
µA
Current consumption in software
shutdown
All Clocks Stopped, VBAT
1
µA
All Clocks Stopped, VDD
10
µA
Current consumption in idle channel
Clocking 0s PCM mode, VBAT
2.7
mA
Clocking 0s PCM mode, VDD,
DSBGA Package
10.9
mA
Clocking 0s PCM mode, VDD, QFN
Package
11.7
mA
Current consumption during active
operation with IV sense disabled
fs = 48 kHz, VBAT
4.6
mA
fs = 48 kHz, VDD, DSBGA Package
10.9
mA
fs = 48 kHz, VDD, QFN Package
11.7
mA
Current consumption during active
operation with IV sense enabled
fs = 48 kHz, VBAT
4.6
mA
fs = 48 kHz, VDD, DSBGA Package
12.5
mA
fs = 48 kHz, VDD, QFN Package
13.3
mA
PROTECTION
CIRCUITRY
Thermal shutdown temperature
140
°C
Thermal shutdown retry
1.5
s
VBAT undervoltage lockout threshold
(UVLO)
UVLO is asserted
2
V
UVLO is released
2.55
V
Output short circuit limit
Output to Output, Output to GND,
Output to VBST or Output to VBAT
Short
3.75
A
www.ti.com
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com