Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2563RPPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563RPPR
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563RPPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS2563RPPR Datasheet HTML 17Page - Texas Instruments TAS2563RPPR Datasheet HTML 18Page - Texas Instruments TAS2563RPPR Datasheet HTML 19Page - Texas Instruments TAS2563RPPR Datasheet HTML 20Page - Texas Instruments TAS2563RPPR Datasheet HTML 21Page - Texas Instruments TAS2563RPPR Datasheet HTML 22Page - Texas Instruments TAS2563RPPR Datasheet HTML 23Page - Texas Instruments TAS2563RPPR Datasheet HTML 24Page - Texas Instruments TAS2563RPPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
Pout (W)
0.0005
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D021
VBAT=3.1V
VBAT=3.6V
VBAT=4.2V
VBAT=5.5V
RL = 8 Ω + 30 µH
FIN = 1 kHz
Figure 6-23. Efficiency vs Output Power
Pout (W)
0.0001
0.001
0.01
0.1
1
10 20
20
0
10
20
30
40
50
60
70
80
90
100
D022
PVDD=2.5V
PVDD=8.4V
PVDD=12V
PVDD=16V
RL = 4 Ω + 30 µH
FIN = 1 kHz
Bypass Mode
Figure 6-24. Efficiency vs Output Power
Pout (W)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D023
RL = 8 Ω + 30 µH
FIN = 1 kHz
Bypass Mode
Figure 6-25. Efficiency vs Output Power
Frequency (Hz)
20
100
1000
1000020000
85
90
95
100
105
110
D024
RL = 8 Ω + 30 µH
Idle Channel
Figure 6-26. AVDD PSRR vs Frequency
Frequency (Hz)
20
100
1000
1000020000
20
40
60
80
100
120
140
D025
VBAT=3.1V
VBAT=3.6V
VBAT=4.2V
VBAT=5.4V
RL = 8 Ω + 30 µH
Idle Channel
Figure 6-27. VBAT PSRR vs Frequency
Frequency (Hz)
10
100
1000
10000
30000
30000
90
94
98
102
106
110
114
118
122
126
130
D026
PVDD=2.5V
PVDD=8.4V
PVDD=12V
PVDD=16V
RL = 8 Ω + 30 µH
Idle Channel
Figure 6-28. PVDD PSRR vs Frequency
www.ti.com
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com