Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5822MDCPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 35Page - Texas Instruments TAS5822MDCPR Datasheet HTML 36Page - Texas Instruments TAS5822MDCPR Datasheet HTML 37Page - Texas Instruments TAS5822MDCPR Datasheet HTML 38Page - Texas Instruments TAS5822MDCPR Datasheet HTML 39Page - Texas Instruments TAS5822MDCPR Datasheet HTML 40Page - Texas Instruments TAS5822MDCPR Datasheet HTML 41Page - Texas Instruments TAS5822MDCPR Datasheet HTML 42Page - Texas Instruments TAS5822MDCPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
Table 7-7. CONTROL PORT Registers (continued)
Offset
Acronym
Register Name
Section
75h
PIN_CONTROL2
Register 117
Section 7.6.1.42
78h
FAULT_CLEAR
Register 120
Section 7.6.1.44
Complex bit access types are encoded to fit into small table cells. Table 7-8 shows the codes that are used for
access types in this section.
Table 7-8. CONTROL PORT Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com