Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5822MDCPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 3Page - Texas Instruments TAS5822MDCPR Datasheet HTML 4Page - Texas Instruments TAS5822MDCPR Datasheet HTML 5Page - Texas Instruments TAS5822MDCPR Datasheet HTML 6Page - Texas Instruments TAS5822MDCPR Datasheet HTML 7Page - Texas Instruments TAS5822MDCPR Datasheet HTML 8Page - Texas Instruments TAS5822MDCPR Datasheet HTML 9Page - Texas Instruments TAS5822MDCPR Datasheet HTML 10Page - Texas Instruments TAS5822MDCPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
6.5 Electrical Characteristics
Free-air room temperature 25°C, 1SPW Mode, LC filter=4.7uH+0.68uF, Fsw=768kHz, Class D Bandwidth=175kHz, (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital I/O
|IIH|
Input logic high current
level
for DVDD referenced
digital
input pins
VIN(DigIn) = VDVDD
10
uA
|IIL|
Input logic low current level
for DVDD referenced
digital
input pins
VIN(DigIn) = 0 V
–10
uA
VIH(Digin)
Input logic high threshold
for
DVDD referenced digital
inputs
70%
VDVDD
VIL(Digin)
Input logic low threshold
for
DVDD referenced digital
inputs
30%
VDVDD
VOH(Digin)
Output logic high voltage
level
IOH = 4 mA
80%
VDVDD
VOL(Digin)
Output logic low voltage
level
IOH = –4 mA
20%
VDVDD
I2C CONTROL PORT
CL(I2C)
Allowable load capacitance
for each I2C Line
400
pF
fSCL(fast)
Support SCL frequency
No wait states, fast mode
400
kHz
fSCL(slow)
Support SCL frequency
No wait states, slow mode
100
kHz
SERIAL AUDIO PORT
tDLY
Required LRCLK/FS to
SCLK
rising edge delay
5
ns
DSCLK
Allowable SCLK duty cycle
40%
60%
fS
Supported input sample
rates
32
96
kHz
fSCLK
Supported SCLK
frequencies
32
64
fS
fSCLK
SCLK frequency
24.576
MHz
AMPLIFIER OPERATING MODE AND DC PRAMETERS
toff
Turn-off Time
Excluding volume ramp
10
ms
AV(SPK_AMP)
Programmable Gain
Value represents the "peak voltage"
disregarding
clipping due to lower PVDD
Measured at 0 dB input(1FS)
13.75
29.4
dBV
ΔAV(SPK_AMP)
Amplifier gain error
Gain = 29.4dBV
0.5
dB
fSPK_AMP
Switching frequency of the
speaker amplifier
384
kHz
480
kHz
576
kHz
768
kHz
1024
kHz
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com