Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5822MDCPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 4Page - Texas Instruments TAS5822MDCPR Datasheet HTML 5Page - Texas Instruments TAS5822MDCPR Datasheet HTML 6Page - Texas Instruments TAS5822MDCPR Datasheet HTML 7Page - Texas Instruments TAS5822MDCPR Datasheet HTML 8Page - Texas Instruments TAS5822MDCPR Datasheet HTML 9Page - Texas Instruments TAS5822MDCPR Datasheet HTML 10Page - Texas Instruments TAS5822MDCPR Datasheet HTML 11Page - Texas Instruments TAS5822MDCPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
6.5 Electrical Characteristics (continued)
Free-air room temperature 25°C, 1SPW Mode, LC filter=4.7uH+0.68uF, Fsw=768kHz, Class D Bandwidth=175kHz, (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDS(on)
Drain-to-source on
resistance
of the individual output
MOSFETs
FET + Metallization. VPVDD=24V, I(OUT)=500mA,
TJ=25℃
90
mΩ
PROTECTION
OCETHRES
Over-Current Error
Threshold
Speaker Output Current (Post LC filter),
Speaker
current
6
7
A
UVETHRES(PVDD)
PVDD under voltage error
threshold
3.7
4
4.2
V
OVETHRES(PVDD)
PVDD over voltage error
threshold
27
28.1
29.2
V
DCETHRES
Output DC Error protection
threshold
Class D Amplifier's output DC voltage cross
speaker load to trigger Output DC Fault
protection
1.9
V
TDCDET
Output DC Detect time
Class D Amplifier's output remain at or
above DCETHRES
570
ms
OTETHRES
Over temperature error
threshold
160
℃
OTEHystersis
Over temperature error
hysteresis
10
℃
OTWTHRES
Over temperature warning
level
Read by register 0x73 bit3
135
°C
OL
Open Load Detection
Open Load Detection for ChA or ChB or both
40
70
Ω
SL
Short Load Detection
Short Load Detection for ChA or ChB or both
2
Ω
AUDIO PERFORMACNE (STEREO BTL)
|VOS|
Amplifier offset voltage
Measured differentially with zero input data,
programmable gain configured with 29.4dBV
analog gain, VPVDD =
18 V, 1SPW Modulation
–6.5
6.5
mV
PO(SPK)
Output Power (Per
Channel)
VPVDD = 13.5 V, RSPK = 6 Ω, f = 1 KHz, THD
+N =10%
15
W
VPVDD = 13.5 V, RSPK = 6 Ω, f = 1 KHz, THD
+N =1%
13
W
VPVDD = 18 V, RSPK = 6 Ω, f = 1 KHz, THD
+N =10%
27
W
VPVDD = 18 V, RSPK = 6 Ω, f = 1 KHz, THD
+N =1%
23
W
VPVDD = 24 V, RSPK = 8 Ω, f = 1 KHz, THD+N
=1%
35
W
THD+NSPK
Total harmonic distortion
and
noise
(PO = 1 W, f = 1 KHz, RSPK
=
6 Ω)
VPVDD = 13.5 V
0.03
%
VPVDD = 18 V
0.02
%
VPVDD = 24 V
0.02
%
ICN(SPK)
Idle channel
noise(Aweighted,
AES17)
VPVDD = 13.5 V, LC-filter, Load=6 Ω
35
µVrms
VPVDD = 18 V, LC-filter ,Load=6 Ω
35
µVrms
DR
Dynamic range
A-Weighted, -60 dBFS method. VPVDD = 24
V,
Analog Gain = 29.4dBV
111
dB
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com