Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5822MDCPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 2Page - Texas Instruments TAS5822MDCPR Datasheet HTML 3Page - Texas Instruments TAS5822MDCPR Datasheet HTML 4Page - Texas Instruments TAS5822MDCPR Datasheet HTML 5Page - Texas Instruments TAS5822MDCPR Datasheet HTML 6Page - Texas Instruments TAS5822MDCPR Datasheet HTML 7Page - Texas Instruments TAS5822MDCPR Datasheet HTML 8Page - Texas Instruments TAS5822MDCPR Datasheet HTML 9Page - Texas Instruments TAS5822MDCPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V(POWER)
Power supply inputs
DVDD
1.62
3.63
V
PVDD
4.5
26.4
Recommended PVDD
Range(1)
BTL mode, Speaker Load =4Ω
(+/-20% Variation)
4.5
20.8
V
BTL mode, Speaker Load =5Ω
(+/-20% Variation)
4.5
26
V
BTL mode, Speaker Load =6Ω
(+/-20% Variation)
4.5
26.4
V
BTL mode, Speaker Load =8Ω
(+/-20% Variation)
4.5
26.4
V
PBTL mode, Speaker Load =2Ω
(+/-20% Variation)
4.5
21
V
PBTL mode, Speaker Load =3Ω
(+/-20% Variation)
4.5
26.4
V
PBTL mode, Speaker Load =4Ω
(+/-20% Variation)
4.5
26.4
V
VIH(DigIn)
Input logic high for DVDD referenced digital inputs
0.9 × VDVDD
DVDD
V
VIL(DigIn)
Input logic low for DVDD referenced digital inputs
0.1 × VDVDD
V
LOUT
Minimum inductor value in LC filter under short-circuit
condition
1
µH
(1)
The Max Recommended PVDD value is limited by OCETHRES, if the Class D amplifier's output peak current lower than OCETHRES, 4Ω
BTL load and 2Ω PBTL load also supports higher PVDD up to 26.4V
6.4 Thermal Information
THERMAL METRIC(1)
TAS5822M
TSSOP (DCP)
38 PINS
UNIT
JEDEC
STANDARD
4-LAYER PCB
RθJA
Junction-to-ambient thermal resistance
28.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
13.5
°C/W
RθJB
Junction-to-board thermal resistance
8.7
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
8.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com