Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5822MDCPR Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 73 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 69Page - Texas Instruments TAS5822MDCPR Datasheet HTML 70Page - Texas Instruments TAS5822MDCPR Datasheet HTML 71Page - Texas Instruments TAS5822MDCPR Datasheet HTML 72Page - Texas Instruments TAS5822MDCPR Datasheet HTML 73Page - Texas Instruments TAS5822MDCPR Datasheet HTML 74Page - Texas Instruments TAS5822MDCPR Datasheet HTML 75Page - Texas Instruments TAS5822MDCPR Datasheet HTML 76Page - Texas Instruments TAS5822MDCPR Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
8.2.2 MONO
(PBTL) System
In MONO mode, TAS5822M can be used as PBTL mode to drive sub-woofer with more output power.
Figure 8-2. Mono (PBTL) System Application Schematic
10
10
47
47
47
47
8.2.2.1 Design Requirements
Table 8-1. Design Parameters
PARAMETER
VALUE
PVDD
4.5V-24V
DVDD
1.8V or 3.3V
Speaker Load
6Ω/8Ω in BTL Mode, 3Ω/4Ω in PBTL Mode
LC Filter
10uH+0.68uF
8.2.2.2 Detailed Design Procedure
8.2.2.2.1 Bootstrap Capacitors
The output stage of the TAS5822M uses a high-side NMOS driver, rather than a PMOS driver. To generate the
gate driver voltage for the high-side NMOS, a bootstrap capacitor for each output terminal acts as a floating
power supply for the switching cycle. Use 0.47-µF capacitors to connect the appropriate output pin (OUT_X) to
the bootstrap pin (BST_X). For example, connect a 0.47-µF capacitor between OUT_A and BST_A for
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com