Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 21 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 21 Page - NEC

Back Button UPD78044F Datasheet HTML 17Page - NEC UPD78044F Datasheet HTML 18Page - NEC UPD78044F Datasheet HTML 19Page - NEC UPD78044F Datasheet HTML 20Page - NEC UPD78044F Datasheet HTML 21Page - NEC UPD78044F Datasheet HTML 22Page - NEC UPD78044F Datasheet HTML 23Page - NEC UPD78044F Datasheet HTML 24Page - NEC UPD78044F Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
µPD780232
Data Sheet U13415EJ2V0DS
6. INTERRUPT FUNCTIONS
There are 3 types of interrupt functions.
• Non-maskable: 1
• Maskable:
12
• Software:
1
Table 6-1. Interrupt Source List
Interrupt
Default
Interrupt Source
Internal/
Vector
Basic
Table
Configuration
Type
PriorityNote 1
Name
Trigger
External
Address
TypeNote 2
Non-
—
INTWDT
Watchdog timer overflow (when watchdog timer
Internal
0004H
(A)
maskable
mode 1 is selected)
Maskable
0
INTWDT
Watchdog timer overflow (when interval timer
(B)
mode is selected)
1
INTP0
Pin input edge detection
External
0006H
(C)
2
INTP1
0008H
3
INTTM90
Remote control timer input rising edge detection
Internal
000AH
(B)
4
INTTM91
Remote control timer input falling edge detection
000CH
5
INTTM92
Remote control timer overflow
000EH
6
INTKS
Key scan timing from VFD controller/driver
0010H
7
INTCSI1
Serial interface SIO1 transfer end
0012H
8
INTCSI3
Serial interface SIO3 transfer end
0014H
9
INTTM80
TM80 and CR80 match
0016H
10
INTTM81
TM81 and CR81 match
0018H
11
INTAD
A/D conversion end
001AH
Software
—
BRK
BRK instruction execution
—
003EH
(D)
Notes 1. Default Priority is the priority order when more than one maskable interrupt request is generated
simultaneously. 0 is the highest priority and 11 is the lowest.
2. Basic configuration types (A) to (D) correspond to (A) to (D) in Figure 6-1.
Remark
Two watchdog timer interrupt sources (INTWDT) are available: a non-maskable interrupt and a
maskable interrupt (internal), either of which can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com