Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 8 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 8 Page - NEC

Back Button UPD78044F Datasheet HTML 4Page - NEC UPD78044F Datasheet HTML 5Page - NEC UPD78044F Datasheet HTML 6Page - NEC UPD78044F Datasheet HTML 7Page - NEC UPD78044F Datasheet HTML 8Page - NEC UPD78044F Datasheet HTML 9Page - NEC UPD78044F Datasheet HTML 10Page - NEC UPD78044F Datasheet HTML 11Page - NEC UPD78044F Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
µPD780232
Data Sheet U13415EJ2V0DS
2. BLOCK DIAGRAM
8-bit remote
controller
timer 9
8-bit timer 80
8-bit timer 81
A/D converter
(A/D1)
Interrupt
control
(INT)
Serial
interface
(2-wire mode)
Serial
interface
(3-wire mode)
Watchdog timer
78K/0
CPU core
RAM
768 bytes
ROM
16 KB
Port 0
Port 2
Port 3
Port 4
Port 5
Port 6
P00 to P02
P20 to P27
P30 to P37
P40 to P47
P50 to P57
P60 to P64
System
control
TI/P02
ANI0 to ANI3
AVDD
AVSS
INTP0/P00
BUSY/P24
SO1/P25
SO3/P21
SI1/P26
SCK1/P27
SCK3/P20
INTP1/P01
FIP0 to FIP23
FIP24/P30 to
FIP31/P37
FIP32/P40 to
FIP39/P47
FIP40/P50 to
FIP47/P57
FIP48/P60 to
FIP52/P64
VFD
controller/
driver
VLOAD
VDD2
RESET
X1
X2
VDD0,
VDD1
VSS0,
VSS1
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com