Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 32 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 32 Page - NEC

Back Button UPD78044F Datasheet HTML 28Page - NEC UPD78044F Datasheet HTML 29Page - NEC UPD78044F Datasheet HTML 30Page - NEC UPD78044F Datasheet HTML 31Page - NEC UPD78044F Datasheet HTML 32Page - NEC UPD78044F Datasheet HTML 33Page - NEC UPD78044F Datasheet HTML 34Page - NEC UPD78044F Datasheet HTML 35Page - NEC UPD78044F Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
µPD780232
Data Sheet U13415EJ2V0DS
System Clock Oscillator Characteristics (TA = –40 to +85
°C, VDD = 4.5 to 5.5 V)
Resonator
Recommended Circuit
Parameter
Conditions
MIN. TYP. MAX. Unit
Ceramic resonator
Oscillation frequency
VDD = Oscillation
1
5
MHz
(fX)Note 1
voltage range
Oscillation stabilization After VDD reaches
4
ms
timeNote 2
the minimum value of
oscillation voltage range
Crystal resonator
Oscillation frequency
1
5
MHz
(fX)Note 1
Oscillation stabilization
10
ms
timeNote 2
External clock
X1 input frequency
1
5
MHz
(fX)Note 1
X1 input high-/low-level
85
450
ns
width (tXH/tXL)
Notes 1. Indicates only oscillator characteristics. Refer to AC Characteristics for instruction execution time.
2. Time required to stabilize oscillation after reset or STOP release.
Caution
When using the system clock oscillator, wire as follows in the area enclosed by the broken lines
in the above figures to avoid an adverse effect from wiring capacitance.
•
Keep the wiring length as short as possible.
•
Do not cross the wiring with the other signal lines.
•
Do not route the wiring near a signal line through which a high fluctuating current flows.
•
Always make the ground point of the oscillator capacitor the same potential as VSS1.
•
Do not ground the capacitor to a ground pattern through which a high current flows.
•
Do not fetch signals from the oscillator.
X1
X2
PD74HCU04
µ
X1 X2
VSS1
C1
C2
X1 X2
VSS1
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com