Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 34 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 34 Page - NEC

Back Button UPD78044F Datasheet HTML 30Page - NEC UPD78044F Datasheet HTML 31Page - NEC UPD78044F Datasheet HTML 32Page - NEC UPD78044F Datasheet HTML 33Page - NEC UPD78044F Datasheet HTML 34Page - NEC UPD78044F Datasheet HTML 35Page - NEC UPD78044F Datasheet HTML 36Page - NEC UPD78044F Datasheet HTML 37Page - NEC UPD78044F Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
34
µPD780232
Data Sheet U13415EJ2V0DS
Capacitance (TA = 25
°C, VDD = VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
f = 1 MHz
P00 to P02, P20 to P27
15
pF
Unmeasured pins returned to 0 V
P50 to P57, P60 to P64
35
pF
Output capacitance
COUT
f = 1 MHz
P00 to P02, P20 to P27
15
pF
Unmeasured pins returned to 0 V
P30 to P37, P40 to P47,
35
pF
P50 to P57, P60 to P64,
FIP0 to FIP23
I/O
CIO
f = 1 MHz
P00 to P02, P20 to P27
15
pF
capacitance
Unmeasured pins returned to 0 V
P50 to P57, P60 to P64
35
pF
DC Characteristics (TA = –40 to +85
°C, VDD = 4.5 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIH1
P00 to P02, P20 to P27, RESET
0.7VDD
VDD
V
VIH2
P50 to P57, P60 to P64
0.7VDD
VDD
V
VIH3
X1, X2
VDD – 0.5
VDD
V
Input voltage, low
VIL1
P00 to P02, P20 to P27, RESET
0
0.2VDD
V
VIL2
X1, X2
0
0.4
V
Output voltage, high
VOH
IOH = –1 mA
VDD – 1.0
VDD
V
IOH = –100
µAVDD – 0.5
VDD
V
Output voltage, low
VOL
P00 to P02, P20 to P27
IOL = 400
µA
0.5
V
Input leakage
ILIH1
P00 to P02, P20 to P27, P50 to P57, P60 to P64, RESET
VIN = VDD
3
µA
current, high
ILIH2
X1, X2
20
µA
Input leakage
ILIL1
P00 to P02, P20 to P27, RESET
VIN = 0 V
–3
µA
current, low
ILIL2
X1, X2
–20
µA
ILIH3
P50 to P57, P60 to P64
VIN = VLOAD = VDD – 40 V
–10
µA
Output leakage
ILOH
P00 to P02, P20 to P27, P30 to P37,
VOUT = VDD
3
µA
current, high
P40 to P47, P50 to P57, P60 to P64
Output leakage
ILOL1
P00 to P02, P20 to P27
VOUT = 0 V
–3
µA
current, low
ILOL2
P30 to P37, P40 to P47, P50 to P57, P60 to P64
VOUT = VLOAD = VDD – 40 V
–10
µA
VFD output current
IOD
FIP0 to FIP19
VOD = VDD – 2 V
–15
mA
FIP20 to FIP52
–5
mA
Software pull-up
R1
P00 to P02, P20 to P27
VIN = 0 V
10
30
100
k
Ω
resistance
On-chip mask option
R2
P50 to P57, P60 to P64
15
35
90
k
Ω
pull-down resistance
(VSS0 connection)
On-chip mask option
R3
FIP0 to FIP52
VOD – VLOAD
30
60
135
k
Ω
pull-down resistance
= 40 V
(VLOAD connection)
Power supply
IDD1
5 MHz crystal oscillation operation mode
PCC = 00H
7
14
mA
currentNote
IDD2
5 MHz crystal oscillation HALT mode
1.5
4.5
mA
IDD3
STOP mode
1
30
µA
Note Refers to the current flowing to the VDD pin. The current flowing to the on-chip pull-up and pull-down resistors is not included.
Remarks 1. Unless specified otherwise, the characteristics of alternate-function pins are the same as those of port pins.
2. PCC: Processor clock control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com