Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 14 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 14 Page - NEC

Back Button UPD78044F Datasheet HTML 10Page - NEC UPD78044F Datasheet HTML 11Page - NEC UPD78044F Datasheet HTML 12Page - NEC UPD78044F Datasheet HTML 13Page - NEC UPD78044F Datasheet HTML 14Page - NEC UPD78044F Datasheet HTML 15Page - NEC UPD78044F Datasheet HTML 16Page - NEC UPD78044F Datasheet HTML 17Page - NEC UPD78044F Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
14
µPD780232
Data Sheet U13415EJ2V0DS
5. PERIPHERAL HARDWARE FUNCTION FEATURES
5.1 Port
There are three kinds of I/O ports.
• CMOS I/O (ports 0, 2):
11
• P-ch open-drain output (ports 3, 4): 16
• P-ch open-drain I/O (ports 5, 6):
13
Total:
40
Table 5-1. Port Functions
Name
Pin Name
Function
Port 0
P00 to P02
I/O port. Input/output can be specified in 1-bit units.
When used as an input port, an on-chip resistor can be specified by software.
Port 2
P20 to P27
I/O port. Input/output can be specified in 1-bit units.
When used as an input port, an on-chip resistor can be specified by software.
Port 3
P30 to P37
P-ch open-drain high-tolerance output port.
A pull-down resistor can be incorporated in 1-bit units to VLOAD by a mask option.
Port 4
P40 to P47
P-ch open-drain high-tolerance output port.
A pull-down resistor can be incorporated in 1-bit units to VLOAD by a mask option.
Port 5
P50 to P57
P-ch open-drain high-tolerance I/O port. Input/output can be specified in 1-bit units.
A pull-down resistor can be incorporated in 1-bit units by a mask option (Connection to VLOAD or
VSS0 can be specified in 1-bit units ).
Port 6
P60 to P64
P-ch open-drain high-tolerance I/O port. Input/output can be specified in 1-bit units.
A pull-down resistor can be incorporated in 1-bit units by a mask option (Connection to VLOAD or
VSS0 can be specified in 1-bit units).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com