Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G031F6 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32G031F6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031F6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32G031F6 Datasheet HTML 49Page - STMicroelectronics STM32G031F6 Datasheet HTML 50Page - STMicroelectronics STM32G031F6 Datasheet HTML 51Page - STMicroelectronics STM32G031F6 Datasheet HTML 52Page - STMicroelectronics STM32G031F6 Datasheet HTML 53Page - STMicroelectronics STM32G031F6 Datasheet HTML 54Page - STMicroelectronics STM32G031F6 Datasheet HTML 55Page - STMicroelectronics STM32G031F6 Datasheet HTML 56Page - STMicroelectronics STM32G031F6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 117 page
background image
DS12992 Rev 2
53/117
STM32G031x4/x6/x8
Electrical characteristics
92
Table 29. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
Flash
memory
RTC(2)
VDD
25°C
85°C 125°C 25°C
85°C
130°C
IDD(Stop 1)
Supply
current in
Stop 1
mode
Not
powered
Disabled
1.8 V
2.9
25
105
9
95
590
µA
2.4 V
3.1
26
110
11
110
600
3 V
3.3
26
110
16
120
610
3.6 V
3.6
26
110
20
130
610
Enabled
1.8 V
3.3
25
105
11
95
610
2.4 V
3.6
26
110
14
110
615
3 V
3.7
26
110
18
120
620
3.6 V
4.2
27
110
23
130
630
Powered
Disabled
1.8 V
7.0
30
110
17
130
630
2.4 V
7.3
30
115
18
135
640
3 V
7.5
30
115
19
140
660
3.6 V
7.8
31
115
23
140
700
1. Based on characterization results, not tested in production.
2. Clocked by LSI
Table 30. Current consumption in Standby mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
VDD
25°C 85°C 125°C 25°C 85°C
130°C
IDD(Standby)
Supply current
in Standby
mode(2)
RTC disabled
1.8 V
0.1
1.5
5
0.7
9
30
µA
2.4 V
0.1
1.8
6
0.7
11
34
3.0 V
0.2
2.1
7
0.9
14
39
3.6 V
0.4
2.5
8
1.0
16
45
RTC enabled,
clocked by LSI;
1.8 V
0.3
1.7
5
0.8
14
33
2.4 V
0.4
2.1
6
1.0
14
39
3.0 V
0.6
2.5
7
1.2
16
46
3.6 V
0.8
3.0
8
1.6
16
54
IWDG enabled,
clocked by LSI
1.8 V
0.2
1.6
5
0.8
10
32
2.4 V
0.3
2.0
6
0.8
12
37
3.0 V
0.4
2.4
7
1.1
14
44
3.6 V
0.7
2.8
8
1.7
17
51
ULPEN = 0
1.8 V
0.7
1.4
5
1.0
9
32
2.4 V
0.9
1.7
6
1.0
10
38
3.0 V
1.1
2.0
7
1.4
10
50
3.6 V
1.3
2.4
8
1.5
12
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com