Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G031F6 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32G031F6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031F6 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32G031F6 Datasheet HTML 52Page - STMicroelectronics STM32G031F6 Datasheet HTML 53Page - STMicroelectronics STM32G031F6 Datasheet HTML 54Page - STMicroelectronics STM32G031F6 Datasheet HTML 55Page - STMicroelectronics STM32G031F6 Datasheet HTML 56Page - STMicroelectronics STM32G031F6 Datasheet HTML 57Page - STMicroelectronics STM32G031F6 Datasheet HTML 58Page - STMicroelectronics STM32G031F6 Datasheet HTML 59Page - STMicroelectronics STM32G031F6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 117 page
background image
Electrical characteristics
STM32G031x4/x6/x8
56/117
DS12992 Rev 2
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in the following table. The MCU
is placed under the following conditions:
•
All I/O pins are in Analog mode
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
Ambient operating temperature and supply voltage conditions summarized in Table 18:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in the
following table. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 33. Current consumption of peripherals
Peripheral
Bus
Consumption in µA/MHz
Range 1
Range 2
Low-power run
and sleep
IOPORT Bus
IOPORT
0.5
0.4
0.3
GPIOA
IOPORT
3.1
2.4
3.0
GPIOB
IOPORT
2.9
2.3
3.0
GPIOC
IOPORT
0.9
0.8
1.0
GPIOD
IOPORT
0.7
0.6
1.0
GPIOF
IOPORT
0.5
0.5
1.0
Bus matrix
AHB
3.2
2.2
2.8
All AHB Peripherals
AHB
9.8
8.2
8.5
DMA1/DMAMUX
AHB
3.4
2.9
3.0
CRC
AHB
0.5
0.4
0.5
FLASH
AHB
4.3
3.6
3.5
All APB peripherals
APB
23.5
20.0
20.5
AHB to APB bridge(1)
APB
0.2
0.2
0.1
PWR
APB
0.4
0.3
0.5
SYSCFG/VREFBUF
APB
0.4
0.4
0.5
WWDG
APB
0.2
0.3
0.5
TIM1
APB
7.0
5.9
6.5
TIM2
APB
4.7
3.8
3.5
TIM3
APB
3.6
3.1
3.5
TIM14
APB
1.5
1.3
1.5
TIM16
APB
2.3
2.0
2.5
TIM17
APB
1.0
0.8
0.3
LPTIM1
APB
3.1
2.7
3.0
LPTIM2
APB
2.7
2.3
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com