Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258LE Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 21Page - Infineon Technologies AG TLE7258LE Datasheet HTML 22Page - Infineon Technologies AG TLE7258LE Datasheet HTML 23Page - Infineon Technologies AG TLE7258LE Datasheet HTML 24Page - Infineon Technologies AG TLE7258LE Datasheet HTML 25Page - Infineon Technologies AG TLE7258LE Datasheet HTML 26Page - Infineon Technologies AG TLE7258LE Datasheet HTML 27Page - Infineon Technologies AG TLE7258LE Datasheet HTML 28Page - Infineon Technologies AG TLE7258LE Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
TLE7258
Application Information
Data Sheet
25
Rev. 1.1, 2015-08-20
7.2
ESD Susceptibility according to IEC61000-4-2
Test for ESD robustness according to IEC61000-4-2 “Gun test” (150 pF, 330 Ω) have been performed. The results
and test conditions are available in a separate test report.
7.3
Transient Robustness according to ISO 7637-2
Test for transient robustness according to ISO 7637-2 have been performed. The results and test conditions are
available in a separate test report.
7.4
LIN Physical Layer Compatibility
The TLE7258 fulfills the Physical Layer Specification of LIN 1.2, 1.3, 2.0, 2.1, 2.2 and 2.2A.
The differences between LIN specification 1.2 and 1.3 is mainly the physical layer specification. The reason was
to improve the compatibility between the nodes.
The LIN specification 2.0 is a super set of the 1.3 version. The 2.0 version offers new features. However, it is
possible to use the LIN 1.3 slave node in a 2.0 node cluster, as long as the new features are not used. Vice versa
it is possible to use a LIN 2.0 node in the 1.3 cluster without using the new features.
In terms of the physical layer the LIN 2.1, LIN 2.2 and LIN 2.2A Specification does not include any changes and
is fully compliant to the LIN Specification 2.0.
LIN 2.2A is the latest version of the LIN specification, released in December 2010. The physical layer specification
of LIN 2.2A will be included in the ISO 17987-4 without modifications.
Additionally, the TLE7258 is compliant to the SAE J2602-2 standard for usage in the US automotive market.
7.5
TxD Fail-Safe Input
The TxD input has an internal pull-up structure to avoid any bus disturbance in case the TxD input is open and
floating. In case of an not connected TxD input, the pin is pulled to an internal voltage supply (see Figure 1) and
the output to the LIN bus on the BUS pin is always “recessive”. Therefore the TLE7258 can not disturb the
communication on the LIN bus.
In order to optimize the quiescent current of the TLE7258 in Sleep mode, the pull-up structure inside the TxD input
is disabled in Sleep mode. The logic inside the TxD input is not reacting at any signal change provide to the TxD
input pin and the transmitter is turned off. In Sleep mode the TLE7258 can not disturb or block the LIN bus in any
case.
Table 7
ESD Susceptibility according to IEC61000-4-2
Performed Test
Result
Unit
Remarks
Electrostatic discharge voltage at pin
V
S, BUS versus GND
+10
kV
1)Positive pulse
1) ESD susceptibility “ESD GUN” according IEC 61000-4-2, tested by external test house.
Electrostatic discharge voltage at pin
V
S, BUS versus GND
-10
kV
1)Negative pulse
Table 8
Automotive Transient Robustness according to ISO 7637-2
Performed Test
Result
Unit
Remarks
Pulse 1
-100
V
1)
1) Automotive Transient Robustness according to ISO 7637-2, tested by external test house.
Pulse 2
+75
V
1)
Pulse 3a
-150
V
1)
Pulse 3b
+100
V
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com