Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258LE Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 15Page - Infineon Technologies AG TLE7258LE Datasheet HTML 16Page - Infineon Technologies AG TLE7258LE Datasheet HTML 17Page - Infineon Technologies AG TLE7258LE Datasheet HTML 18Page - Infineon Technologies AG TLE7258LE Datasheet HTML 19Page - Infineon Technologies AG TLE7258LE Datasheet HTML 20Page - Infineon Technologies AG TLE7258LE Datasheet HTML 21Page - Infineon Technologies AG TLE7258LE Datasheet HTML 22Page - Infineon Technologies AG TLE7258LE Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
TLE7258
Electrical Characteristics
Data Sheet
19
Rev. 1.1, 2015-08-20
6
Electrical Characteristics
6.1
Functional Device Characteristics
Table 6
Electrical Characteristics
5.5 V <
V
S <18V; RL = 500 Ω; -40°C < Tj <150°C;
all voltages with respect to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note / Test Condition
Num
ber
Min.
Typ.
Max.
Current Consumption
Current consumption at
V
S,
Recessive state
I
S,rec
0.1
0.6
2.0
mA INH open, without
R
L;
V
TxD =“high”
4.1.1
Current consumption at
V
S,
Dominate state
I
S,dom
0.1
1.1
3.0
mA INH open, without RL;
V
TxD =0V
4.1.2
Current consumption at
V
S,
Standby mode
I
S,standby
100
350
900
μA
Standby mode,
V
BUS = VS
4.1.3
Current consumption at
V
S,
Sleep mode
I
S
,sleep,typ
110
15
μA
Sleep mode,
T
j <40 °C;
V
S = 13.5 V; VBUS = VS
4.1.4
Current consumption at
V
S,
Sleep mode
I
S
,sleep
110
25
μA
Sleep mode,
V
BUS =VS
4.1.5
Current consumption at
V
S,
Sleep mode.
Bus shorted to GND
I
S,SC_GND
100
–
700
μA
Sleep mode,
V
S =13.5V; VBUS =0V
4.1.6
Undervoltage Detection
Power-on reset level on
V
S
V
S,UV,PON
–
–
4.3
V
Reset level for mode change 4.2.1
Undervoltage threshold,
V
S on
V
S,UV,ON
4.7
5.15
5.5
V
Rising edge
4.2.2
Undervoltage threshold,
V
S off
V
S,UV,OFF
4.4
4.85
5.2
V
Falling edge
4.2.3
Undervoltage detection
hysteresis
V
S,UV,HYS
–300
–mV 1)
4.2.4
Undervoltage blanking time
t
BLANK,UV
–10
–
μs
1)
4.2.5
Receiver Output: RxD
“High” level leakage current
I
RD,H,leak
––5
μA
V
RxD = 5 V; VBUS = VS
4.3.1
“Low” level output current
I
RD,L
1.3
––mA
V
RxD = 0.4 V; VBUS = 0 V
4.3.2
Transmission Input: TxD
“High” level input voltage range
V
TD,H
2
–
6.0
V
Recessive state
4.4.1
“Low” level input voltage range
V
TD,L
-0.3
–
0.8
V
Dominant state
4.4.2
Input hysteresis
V
TD,hys
–200
–mV 1)
4.4.3
Pull-up current
I
TD
-60
–
-20
μA
V
TxD = 0 V; Normal Operation
mode or Standby mode
4.4.4
Enable Input: EN
“High” level input voltage range
V
EN,ON
2
–
6.0
V
Normal Operation mode
4.5.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com