Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258LE Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 13Page - Infineon Technologies AG TLE7258LE Datasheet HTML 14Page - Infineon Technologies AG TLE7258LE Datasheet HTML 15Page - Infineon Technologies AG TLE7258LE Datasheet HTML 16Page - Infineon Technologies AG TLE7258LE Datasheet HTML 17Page - Infineon Technologies AG TLE7258LE Datasheet HTML 18Page - Infineon Technologies AG TLE7258LE Datasheet HTML 19Page - Infineon Technologies AG TLE7258LE Datasheet HTML 20Page - Infineon Technologies AG TLE7258LE Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
TLE7258
General Product Characteristics
Data Sheet
17
Rev. 1.1, 2015-08-20
5
General Product Characteristics
5.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Table 3
Absolute Maximum Ratings Voltages, Currents and Temperatures1)
All voltages with respect to ground; positive current flowing into pin; unless otherwise specified
1) Not subject to production test, specified by design
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Max.
Voltages
Battery supply voltage
V
S
-0.3
40
V
LIN Spec 2.2A (Par. 11)
1.1.1
BUS input voltage
V
BUS,G
-27
40
V
–
1.1.2
Logic voltages at EN, TxD, RxD
V
logic
-0.3
6.0
V
–
1.1.3
INH voltage
V
INH
-0.3
V
S + 0.3
V
–
1.1.4
Currents
Output current at RxD
I
RxD
0
15
mA
–
1.2.1
Output current at INH
I
INH
-5
5
mA
–
1.2.2
Temperatures
Junction temperature
T
j
-40
150
°C
–
1.3.1
Storage temperature
T
s
-55
150
°C
–
1.3.2
ESD Susceptibility
Electrostatic discharge voltage
at
V
S, BUS
V
ESD
-10
10
kV
Human Body Model
(100 pF via 1.5 kΩ)2)
2) ESD susceptibility HBM according to ANSI / ESDA / JEDEC JS-001
1.4.1
Electrostatic discharge voltage
all other pins
V
ESD
-4
4
kV
Human Body Model
(100 pF via 1.5 kΩ)2)
1.4.2
Electrostatic discharge voltage
all pins
V
ESD
-1
1
kV
Charged Device Model3)
3) ESD susceptibility, Charged Device Model “CDM” EIA / JESD 22-C101 or ESDA STM5.3.1
1.4.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com