Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258LE Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 22Page - Infineon Technologies AG TLE7258LE Datasheet HTML 23Page - Infineon Technologies AG TLE7258LE Datasheet HTML 24Page - Infineon Technologies AG TLE7258LE Datasheet HTML 25Page - Infineon Technologies AG TLE7258LE Datasheet HTML 26Page - Infineon Technologies AG TLE7258LE Datasheet HTML 27Page - Infineon Technologies AG TLE7258LE Datasheet HTML 28Page - Infineon Technologies AG TLE7258LE Datasheet HTML 29Page - Infineon Technologies AG TLE7258LE Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
TLE7258
Application Information
Data Sheet
26
Rev. 1.1, 2015-08-20
7.6
RxD Pull-up Resistor
The receive data output (RxD) provides an open drain behavior for allowing the output level to be adapted to the
microcontroller supply voltage. Thus 3.3 V microcontroller derivatives without 5 V tolerant ports can be used. In
case the microcontroller port pin does not provide an integrated pull-up, an external pull-up resistor connected to
the microcontroller’s
V
CC supply voltage is required.
The typical RxD pin current / voltage characteristic over temperature is given in Figure 17. With the applications
microcontroller port pins’ (Rx) minimum “high”-level and maximum “low”-level input voltage the pull-up resistor can
be dimensioned. For most applications a pull-up resistor RRx of 2.4 kΩ is recommended.
Figure 17
Typical RxD output sink characteristics
Table 9
TxD Termination
Operation Mode
Remarks
Normal Operation mode
The internal pull-up structure is active, in case the TxD input is open the
TxD input signal is “high” and the output on the BUS pin is “recessive”
Standby mode
The internal pull-up structure is active, in case the TxD input is open the
TxD input signal is “high”. In Standby mode the transmitter is turned off
and therefore the output on the BUS pin always is “recessive”
Sleep mode
The internal pull-up structure is inactive, in case the TxD input is open the
TxD input signal is “floating”. In Sleep mode the transmitter is turned off
and therefore the output on the BUS pin always is “recessive”
0
1
2
3
4
5
6
7
8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
I
RxD
[mA]
T
j
= −40
°C
T
j
= 27
°C
T
j
= 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com