Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258LE Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 14Page - Infineon Technologies AG TLE7258LE Datasheet HTML 15Page - Infineon Technologies AG TLE7258LE Datasheet HTML 16Page - Infineon Technologies AG TLE7258LE Datasheet HTML 17Page - Infineon Technologies AG TLE7258LE Datasheet HTML 18Page - Infineon Technologies AG TLE7258LE Datasheet HTML 19Page - Infineon Technologies AG TLE7258LE Datasheet HTML 20Page - Infineon Technologies AG TLE7258LE Datasheet HTML 21Page - Infineon Technologies AG TLE7258LE Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
TLE7258
General Product Characteristics
Data Sheet
18
Rev. 1.1, 2015-08-20
5.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
5.3
Thermal Characteristics
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Table 4
Operating Range
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Max.
Supply Voltages
Extended supply voltage range
for operation
V
S(ext)
18
40
V
Parameter deviations
possible
2.1.1
Supply voltage range for normal
operation
V
S(nor)
5.5
18
V
LIN Spec 2.2A (Par. 10)
2.1.2
Thermal Parameters
Junction temperature
T
j
-40
150
°C
1)
1) Not subject to production test, specified by design
2.2.1
Table 5
Thermal Resistance1)
1) Not subject to production test, specified by design
Parameter
Symbol
Values
Unit Note / Test Condition
Num
ber
Min.
Typ.
Max.
Thermal Resistance, PG-DSO-8 Package Version
Junction ambient
R
thJA
–
130
–
K/W
2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-7 at natural convection on FR4 2s2p board; The Product (TLE7258)
was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70 mm Cu, 2 x 35 mm Cu). Where
applicable a thermal via array under the exposed pad contacted to the first inner copper layer.
3.1.1
Thermal Resistance, PG-TSON-8 Package Version
Junction ambient
R
thJA
–60
–
K/W
2)
3.2.1
–
190
–
K/W
3)
3) Specified
R
thJA value is according to Jedec JESD51-3 at natural convection on FR4 1s0p board; The product (TLE7258)
was simulated on a 76.2 x 114.3 x 1.5 mm board with 1 inner copper layer (1 x 70 mm Cu).
3.2.2
–70
–
K/W
300 mm2 heatsink on PCB3) 3.2.3
Thermal Shutdown Junction Temperature
Thermal shutdown temperature
T
JSD
150
175
200
°C
–
3.3.1
Thermal shutdown hysteresis
∆
T
–
10
–
K
–
3.3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com