Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF191 Datasheet(PDF) 7 Page - 3M Electronics

Part # AF191
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF191 Datasheet(HTML) 7 Page - 3M Electronics

Back Button AF191 Datasheet HTML 3Page - 3M Electronics AF191 Datasheet HTML 4Page - 3M Electronics AF191 Datasheet HTML 5Page - 3M Electronics AF191 Datasheet HTML 6Page - 3M Electronics AF191 Datasheet HTML 7Page - 3M Electronics AF191 Datasheet HTML 8Page - 3M Electronics AF191 Datasheet HTML 9Page - 3M Electronics AF191 Datasheet HTML 10Page - 3M Electronics AF191 Datasheet HTML 11Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
- 7 -
3MScotch-Weld
Structural Adhesive Film AF 191
Technical Datasheet
12. Dynamic Mechanical Analysis
3M™ Scotch-Weld™ Structural Adhesive Film AF 191U .035 lb/ft2 (170 g/m2) cured under standard conditions.
Specimen size: 11.7 x 10.2 x 1.5 mm.
Test equipment: Dupont™ 1090 – Heating Rate: 20°C/minute
Typical Product
Performance (continued)
Conditions After Cure
Glass Transition Temp.
Cure Characteristics
Graph Key
E' = Tensile Storage Modulus
E" = Tensile Loss Modulus
Dry
439°F (226°C)
E'
E"
20 Days, 90°F (33°C) 83% relative
424°F (218°C)
E'
humidity (1.42% water absorption)
E"
20 Days, 120°F (49°C) 100% relative
374°F (190°C)
E'
humidity (2.8% water absorption)
E"
Temperature °C (°F)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com