Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF191 Datasheet(PDF) 3 Page - 3M Electronics

Part # AF191
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF191 Datasheet(HTML) 3 Page - 3M Electronics

  AF191 Datasheet HTML 1Page - 3M Electronics AF191 Datasheet HTML 2Page - 3M Electronics AF191 Datasheet HTML 3Page - 3M Electronics AF191 Datasheet HTML 4Page - 3M Electronics AF191 Datasheet HTML 5Page - 3M Electronics AF191 Datasheet HTML 6Page - 3M Electronics AF191 Datasheet HTML 7Page - 3M Electronics AF191 Datasheet HTML 8Page - 3M Electronics AF191 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3M™ Scotch-Weld™
Structural Adhesive Film AF 191
Technical Datasheet
Typical Product
Performance (continued)
- 3 -
4. Metal to Metal Honeycomb – Climbing Drum Peel
Peel strength was measured on 3" x 8" honeycomb sandwich panel containing a 3" x 10" peel face sheet. Tests
were conducted per MIL-A-25463.
Climbing Drum Peel
3M™ Scotch-Weld™ Structural Adhesive Film AF 191 /
3M™ Scotch-Weld™ Structural Adhesive Primer EC-3917
Temperature
Scotch-Weld AF 191K Film
Scotch-Weld AF 191U Film
°F (°C)
0.080 lb/ft2 (390 g/m2)
0.05 lb/ft2 (244 g/m2)
In•lb/3"
(cm•N/cm)
In•lb/3"
(cm•N/cm)
-67 (-55)
39
(57.8)
–
–
75 (23)
43
(63.8)
40*
(59.3)*
250 (121)
24
(35.6)
–
–
350 (177)
17
(25)
–
–
*Reticulated on Core
Skin: .020" thick 2024-T3 bare aluminum. Core: .50" thick, 1/4" cell, 4 mil foil, 5052 aluminum.
5. Metal to Honeycomb – Flatwise Tensile
All properties were measured on 2" x 2" honeycomb sandwich bonds using the procedure of MIL-A-25463.
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
AF 191K Film (.10)
AF 191K Film (.08)
AF 191M Film (.035)
AF 191U Film (.05)
Test Temperature
with Scotch-Weld
with Scotch-Weld
with Scotch-Weld
with Scotch-Weld
°F (°C)
EC-3917 Primer
EC-3917 Primer
EC-3917 Primer
EC-3917 Primer
-423 (-253)
691 psi ( 4.8 MPa)
–
–
697 psi (4.8 MPa)
-67 (-55)
1500 psi (10.3 MPa)
1600 psi (10.9 MPa)
940 psi (6.5 MPa)
1288* psi (8.9 MPa)
75 (23)
1500 psi (10.3 MPa)
1400 psi ( 9.7 MPa)
680 psi (4.7 MPa)
1016* psi (7.0 MPa)
300 (149)
650 psi ( 4.5 MPa)
–
–
490* psi (3.4 MPa)
350 (177)
600 psi ( 4.1 MPa)
450 psi ( 3.1 MPa)
245 psi (1.7 MPa)
378* psi (2.6 MPa)
*Reticulated on Core
Skin: .020" thick 2024-T3 bare. Honeycomb Core: .50" thick, 1/4" cell, 4 mil foil, 5052 aluminum
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com