Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF191 Datasheet(PDF) 8 Page - 3M Electronics

Part # AF191
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF191 Datasheet(HTML) 8 Page - 3M Electronics

Back Button AF191 Datasheet HTML 4Page - 3M Electronics AF191 Datasheet HTML 5Page - 3M Electronics AF191 Datasheet HTML 6Page - 3M Electronics AF191 Datasheet HTML 7Page - 3M Electronics AF191 Datasheet HTML 8Page - 3M Electronics AF191 Datasheet HTML 9Page - 3M Electronics AF191 Datasheet HTML 10Page - 3M Electronics AF191 Datasheet HTML 11Page - 3M Electronics AF191 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3MScotch-Weld
Structural Adhesive Film AF 191
Technical Datasheet
- 8 -
Typical Product
Performance (continued)
Scotch-Weld AF 191U
Knife
Air
Lamp
Speed
Film Weight
Width
Temperature
Pressure
Pre Heat
Height
Setting
.05 lb/ft2
3/16"
225°F
.5" of H2O
375°F
6"
6"/min.
1/4"
235°F
.5" of H2O
350°F
6"
6"/min.
Frequency
Dielectric Constant
Dissipation Factor
Scotch-Weld AF 191K Film
1 MHz
3.56
2.4 x 10-2
Scotch-Weld AF 191U Film
1 MHz
4.75
2.7 x 10-2
Note: Tests per ASTM D 150 and ASTM D 3380.
14. Scotch-Weld AF 191U Film Reticulation
Reticulation parameters for 1/4" or 3/16" cell size aluminum honeycomb core. Reticulation was completed on a
MacKay Reticulator Model 320 (Mac Kay Industries, Temecula, CA).
15. Scotch-Weld AF 191 Film Flow
Scotch-Weld AF 191K Film (.08 lbs/ft2)
% Flow vs. Out Time @ 77°F / 50% R.H.
1000
500
100
0
036
912
15
18
21
Out Time @ 77°F / 50% RH (Days)
(0 days, 1015%)
(5 days, 915%)
(5 days, 919%)
(10 days, 682%)
(10 days, 272%)
(15 days, 275%)
(15 days, 189%)
(20 days, 124%)
(20 days, 86%)
% Flow Calculated From Area
Increase of a 3/4" Diameter Disk
Cure: 350°F / 60 min / 40 psi / 5°F min
(3M Test Method C-730)
Closed bag
Open bag
13. Dielectric Constant and Dissipation Factor of 3M™ Scotch-Weld™ Structural Adhesive Film AF 191
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com