Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF191 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF191
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF191 Datasheet(HTML) 2 Page - 3M Electronics

  AF191 Datasheet HTML 1Page - 3M Electronics AF191 Datasheet HTML 2Page - 3M Electronics AF191 Datasheet HTML 3Page - 3M Electronics AF191 Datasheet HTML 4Page - 3M Electronics AF191 Datasheet HTML 5Page - 3M Electronics AF191 Datasheet HTML 6Page - 3M Electronics AF191 Datasheet HTML 7Page - 3M Electronics AF191 Datasheet HTML 8Page - 3M Electronics AF191 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3M™ Scotch-Weld™
Structural Adhesive Film AF 191
Technical Datasheet
- 2 -
3. Metal to Metal – Floating Roller Peel
Peel strength was measured on 1" wide specimens cut from 3" x 8" x .063" 2024-T3 bare aluminum panels
bonded to 3" x 10" x .025" 2024-T3 bare panels. Tests were conducted according to ASTM D 3167.
Scotch-Weld AF 191K Film
Scotch-Weld AF 191U Film
Scotch-Weld AF 191K Film
Test Temperature
0.080 lb/ft2 (390 g/m2)
0.05 lb/ft2 (244 g/m2)
0.03 lb/ft2 (146 g/m2)
°F (°C)
Scotch-Weld EC-3917 Primer
Scotch-Weld EC-3917 Primer
Scotch-Weld EC-3917 Primer
-67 (-55)
15 piw (66 N/25 mm)
–
21 piw (92 N/25 mm)
75 (23)
40 piw (175 N/25 mm)
30 piw (131 N/25 mm)
45 piw (197 N/25 mm)
250 (121)
––
30 piw (131 N/25 mm)
350 (177)
––
24 piw (105 N/25 mm)
Typical Product
Performance
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
All data in this section was developed using 3M™ Scotch-Weld™ Structural Adhesive
Primer EC-3917 primed aluminum panels and an adhesive cure cycle of 60 minutes at
350°F (177°C) and 45 psi (3.1 Bar). A 4-5°F (2-3°C) minute rise rate to cure temperature
was used. Parts were cooled below 200°F (93°C) before removing from autoclave.
2. Metal to Metal – Overlap Shear
All properties were measured on 1" wide, 1/2" overlap specimen cut from 0.063" thick 4" x 7" bonded panels of
2024-T3 aluminum. Tests were conducted per MMM-A-132. Values are in psi (MPa).
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
AF 191K
AF 191K
AF 191M
AF 191M
AF 191M
AF 191U
AF 191U
AF 191U
Film
Film
Film
Film
Film
Film
Film
Film
Temperature
.10 lb/ft2
.08 lb/ft2
.06 lb/ft2
.035 lb/ft2
.030 lb/ft2
.05 lb/ft2
.035 lb/ft2
.015 lb/ft2
°F (°C)
(488 g/m2)
(390 g/m2)
(293 g/m2)
(170 g/m2)
(146 g/m2)
(244 g/m2)
(170 g/m2)
(73 g/m2)
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
EC-3917
EC-3917
EC-3917
EC-3917
EC-3917
EC-3917
EC-3917
EC-3917
Primer
Primer
Primer
Primer
Primer
Primer
Primer
Primer
-423 (-253)
1460 (10.1)
–
–
–
–
1755 (12.1)
–
–
-67 (-55)
4000 (27.6)
4700 (32.4)
4300 (29.6)
5350 (36.9)
4000 (27.6)
4000 (27.6)
4000 (27.6)
–
75 (23)
4500 (31.0)
5400 (37.2)
5100 (35.2)
5060 (34.9)
5000 (34.5)
4500 (31.0)
5000 (34.5)
4100 (28.3)
250 (121)
–
3200 (22.1)
3200 (22.1)
–
3050 (21.0)
–
–
–
300 (149)
3000 (20.7)
2800 (19.3)
–
3770 (26.0)
–
2300 (16.0)
2300 (16.0)
2400 (16.5)
350 (177)
2600 (17.9)
2100 (14.5)
1700 (11.7)
2900 (20.0)
1900 (13.1)
2000 (14.0)
2000 (14.0)
2000 (14.0)
1. Thick Adherend Shear with 3M™ Scotch-Weld™ Structural Adhesive Film AF 191K (.08 lb/ft2) – Tested on
phosphoric acid anodized, unprimed aluminum
Test Temperature °F (°C)
Stress (psi)
Strain, %
Modulus (psi)
-67°F (-55°C)
4278
3.58
119,680
75°F (23°C)
1885
2.11
103,380
250°F (121°C)
1247
2.67
44,720
350°F (177°C)
900
3.12
28,670



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com