Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF191 Datasheet(PDF) 10 Page - 3M Electronics

Part # AF191
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF191 Datasheet(HTML) 10 Page - 3M Electronics

Back Button AF191 Datasheet HTML 4Page - 3M Electronics AF191 Datasheet HTML 5Page - 3M Electronics AF191 Datasheet HTML 6Page - 3M Electronics AF191 Datasheet HTML 7Page - 3M Electronics AF191 Datasheet HTML 8Page - 3M Electronics AF191 Datasheet HTML 9Page - 3M Electronics AF191 Datasheet HTML 10Page - 3M Electronics AF191 Datasheet HTML 11Page - 3M Electronics AF191 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3MScotch-Weld
Structural Adhesive Film AF 191
Technical Datasheet
- 10 -
Primer Application
3M™ Scotch-Weld™ Structural Adhesive Primer EC-3917 corrosion inhibiting primer
has been successfully used with 3M™ Scotch-Weld™ Structural Adhesive Film
AF 191 using the following procedure:
Spray Application: Refer to Scotch-Weld EC-3917 Primer Technical Data Sheet for
equipment and technique.
Primer Dry Cycle:
Air Dry:
30 minutes minimum at ambient temperature.
Force Dry:
60 minutes at 250°F in an air circulating oven.
Primer Thickness:
Approximately 0.1 mil (dry).
Adhesive Layup
Care should be taken to avoid contaminating adhesive and cleaned aluminum by any
substance which will hinder wetting action of the adhesive.
A. Film Application
1. Cut portion of film to be used from roll with protective liners in place.
2. Remove paper liner from one side of the film.
3. Place film on metal using a separating liner as a protective cover.
4. Roll film into position with a rubber roller, insuring that no air is trapped
between film and panel.
5. Remove second protective liner.
6. Assemble parts, apply pressure, and cure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com