Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF31 Datasheet(PDF) 1 Page - 3M Electronics

Part # AF31
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF31 Datasheet(HTML) 1 Page - 3M Electronics

  AF31 Datasheet HTML 1Page - 3M Electronics AF31 Datasheet HTML 2Page - 3M Electronics AF31 Datasheet HTML 3Page - 3M Electronics AF31 Datasheet HTML 4Page - 3M Electronics AF31 Datasheet HTML 5Page - 3M Electronics AF31 Datasheet HTML 6Page - 3M Electronics AF31 Datasheet HTML 7Page - 3M Electronics AF31 Datasheet HTML 8Page - 3M Electronics AF31 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
3
Scotch-WeldTM
Structural Adhesive Film
AF 31
Introduction
3M™ Scotch-Weld™ Structural Adhesive Film AF 31 is an unsupported, thermosetting
structural film adhesive designed for metal-to-metal bonding. It is especially designed
for high-temperature resistant application (up to 500°F [260°C]).
Scotch-Weld AF 31 film adhesive offers the following advantages:
• Good flexibility and shear strength at service temperatures from -67°F to 500°F
(-55°C to 260°C).
• Easy application in a dry film which can be pressure, heat, or solvent tacked in
position.
• Excellent retention of strength after aging in many environments.
• Scotch-Weld AF 31 film adhesive with 3M™ Scotch-Weld™ Structural Adhesive
Primer EC-2174 on stainless steel, known as the AF-7431 system, meets, and is
qualified to, MMM-A-132 Types III and IV.
Technical Data
March, 2006
Description
Form:
Flexible unsupported film, protected by suitable liner.
Color:
Yellow to brown.
Nominal Caliper:
9-11 mils (uncured).
Weight:
.0575 - .0725 lbs./sq. ft.
Volatile Content:
Less than 5% (2-4 gm. sample cured 1 hr. at 350°F [177°C]).
Shrinkage:
5% maximum (24 hrs. at 75°F ± 5°F [24°C ± 2°C] in horizontal
position).
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.


Similar Part No. - AF31

ManufacturerPart #DatasheetDescription
logo
3M Electronics
AF3109-2 3M-AF3109-2 Datasheet
54Kb / 8P
Scotch-WeldTM Structural Adhesive Film
logo
Taiyo Yuden (U.S.A.), I...
AF316F157501-T TAIYO-YUDEN-AF316F157501-T Datasheet
529Kb / 8P
CHIP ANTENNA
AF316F1575S1-T TAIYO-YUDEN-AF316F1575S1-T Datasheet
529Kb / 8P
CHIP ANTENNA
AF316F245001-T TAIYO-YUDEN-AF316F245001-T Datasheet
529Kb / 8P
CHIP ANTENNA
AF316F2450S1-T TAIYO-YUDEN-AF316F2450S1-T Datasheet
529Kb / 8P
CHIP ANTENNA
More results

Similar Description - AF31

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-3924B 3M-EC-3924B Datasheet
43Kb / 4P
3M Scotch-WeldTM Structural Adhesive Primer
EC-3917 3M-EC-3917 Datasheet
28Kb / 6P
3M Scotch-WeldTM Structural Adhesive Primer
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
AF191 3M-AF191 Datasheet
140Kb / 12P
3M Scotch-WeldTM Structural Adhesive Film
AF163-2 3M-AF163-2 Datasheet
355Kb / 21P
3M Scotch-WeldTM Structural Adhesive Film
AF3185 3M-AF3185 Datasheet
20Kb / 4P
Scotch-WeldTM Structural Adhesive Film
AF3109-2 3M-AF3109-2 Datasheet
54Kb / 8P
Scotch-WeldTM Structural Adhesive Film
AF126 3M-AF126 Datasheet
51Kb / 15P
Scotch-WeldTM Structural Adhesive Film
AF32 3M-AF32 Datasheet
36Kb / 8P
3M Scotch-WeldTM Structural Adhesive Film
AF30 3M-AF30 Datasheet
42Kb / 12P
3m Scotch-WeldTM Structural Adhesive Film
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com