Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF31 Datasheet(PDF) 10 Page - 3M Electronics

Part # AF31
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF31 Datasheet(HTML) 10 Page - 3M Electronics

Back Button AF31 Datasheet HTML 6Page - 3M Electronics AF31 Datasheet HTML 7Page - 3M Electronics AF31 Datasheet HTML 8Page - 3M Electronics AF31 Datasheet HTML 9Page - 3M Electronics AF31 Datasheet HTML 10Page - 3M Electronics AF31 Datasheet HTML 11Page - 3M Electronics AF31 Datasheet HTML 12Page - 3M Electronics AF31 Datasheet HTML 13Page - 3M Electronics AF31 Datasheet HTML 14Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
15. Dynamic Mechanical Properties of Scotch-Weld AF 31 Film Adhesive
The dynamic mechanical properties were obtained using a Maxwell rotating beam apparatus on Scotch-Weld
AF 31 film adhesive cured at 350°F (177°C) for 60 minutes under 100 psi pressure with a rise of 10°F per minute.
E1 =
Storage Modulus
E11 =
Loss Modulus
E* =
Complex Young’s Modulus
Scotch-WeldTM
Structural Adhesive Film
AF 31
- 10 -
14. Effect of Radiation on 3M™ Scotch-Weld™ Structural Adhesive Film AF 31 Bonds
The effect of radiation was determined using a spent fuel source (Particle energy .75 MEV avg.) Dosage 1.0
megarads per hour on 1" wide 1/2" overlap shear specimens cut from 4" x 7" x .064" thick bonded 2024 T3
clad aluminum panels. Bonds were formed with a 350°F (177°C), 60 minutes, 150 psi, 200°F (93°C)/minute
temperature rise rate cure cycle. Radiation temperature was 75°F (24°C). Overlap shear tests were run per
MMM-A-132 Methods.
Product Performance
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Megarad
Overlap Shear (psi)
Dosage
-67°F (-55°C)
75°F (24°C)
300°F (149°C)
0
3500
4200
2390
100
3120
4200
1620
200
2950
4070
1500
300
2840
3910
1500
500
2340
3020
1500
700
1850
2180
1330
900
1400
1340
870
Tan
δ = E11
E1
Frequency
Temperature
Cycles/minute
E1, psi
E11, psi
Tan
δδ
E*, psi
-67°F (-55°C)
1
498600
34000
.0682
499800
10
527100
28000
.0531
527800
100
557200
22850
.0410
557600
500
557200
19330
.0347
557500
3700
534400
26780
.0501
535100
77°F (25°C)
1
62660
6900
.1101
63040
10
72500
11050
.1524
73330
100
87670
17270
.1969
89350
500
103200
23150
.2244
105700
3700
104900
28110
.2679
108600
180°F (82°C)
1
34620
3340
.0964
34790
10
37950
2400
.0895
38100
100
42270
2890
.0684
42370
500
44000
3620
.0821
44190
3700
46800
4730
.1011
47030
300°F (149°C)
1
29390
2160
.0737
29470
10
31990
2745
.0858
32110
100
34360
3300
.0970
34520
500
36220
2920
.0805
36330
3700
37280
2820
.0756
37390
E* =
(E1)2 +(E11)2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com