Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF31 Datasheet(PDF) 15 Page - 3M Electronics

Part # AF31
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF31 Datasheet(HTML) 15 Page - 3M Electronics

Back Button AF31 Datasheet HTML 7Page - 3M Electronics AF31 Datasheet HTML 8Page - 3M Electronics AF31 Datasheet HTML 9Page - 3M Electronics AF31 Datasheet HTML 10Page - 3M Electronics AF31 Datasheet HTML 11Page - 3M Electronics AF31 Datasheet HTML 12Page - 3M Electronics AF31 Datasheet HTML 13Page - 3M Electronics AF31 Datasheet HTML 14Page - 3M Electronics AF31 Datasheet HTML 15Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
- 15 -
Scotch-WeldTM
Structural Adhesive Film
AF 31
Refer to Product Label and Material Safety Data Sheet for health and safety information before
using this product. For additional health and safety information, call 1-800-364-3577 or (651)
737-6501.
Precautionary
Information
Printed in U.S.A.
©3M 2006
78-6900-1326-9
(3/06)
Recycled Paper
40% pre-consumer
10% post-consumer
3
Aerospace and Aircraft Maintenance Division
3M Center, Building 223-1N-14
St. Paul, MN 55144-1000
www.3M.com/aerospace
To request additional product information or to arrange for sales assistance, call toll free 1-800-
235-2376 or fax 1-800-435-3082 or 651-737-2171. For U.S. Military, call 1-866-556-5714 or
fax 651-737-4380. If outside of the U.S., please contact your nearest 3M office.
For Additional
Information
3M MAKES NO WARRANTIES, EXPRESS OR IMPLIED, INCLUDING, BUT NOT
LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR
A PARTICULAR PURPOSE. User is responsible for determining whether the 3M product is fit
for a particular purpose and suitable for user’s method of application. Please remember that
many factors can affect the use and performance of a 3M product in a particular application.
The materials to be bonded with the product, the surface preparation of those materials, the
product selected for use, the conditions in which the product is used, and the time and
environmental conditions in which the product is expected to perform are among the many
factors that can affect the use and performance of a 3M product. Given the variety of factors
that can affect the use and performance of a 3M product, some of which are uniquely within the
user’s knowledge and control, it is essential that the user evaluate the 3M product to determine
whether it is fit for a particular purpose and suitable for the user’s method of application.
Important Notice
If the 3M product is proved to be defective, THE EXCLUSIVE REMEDY, AT 3M’S OPTION,
SHALL BE TO REFUND THE PURCHASE PRICE OF OR TO REPAIR OR REPLACE THE
DEFECTIVE 3M PRODUCT. 3M shall not otherwise be liable for loss or damages, whether
direct, indirect, special, incidental, or consequential, regardless of the legal theory asserted,
including, but not limited to, contract, negligence, warranty, or strict liability.
Limitation of Remedies
and Liability
This product was manufactured under a 3M quality standard registered under ISO9001 standards.
ISO9001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com