Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF31 Datasheet(PDF) 14 Page - 3M Electronics

Part # AF31
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF31 Datasheet(HTML) 14 Page - 3M Electronics

Back Button AF31 Datasheet HTML 7Page - 3M Electronics AF31 Datasheet HTML 8Page - 3M Electronics AF31 Datasheet HTML 9Page - 3M Electronics AF31 Datasheet HTML 10Page - 3M Electronics AF31 Datasheet HTML 11Page - 3M Electronics AF31 Datasheet HTML 12Page - 3M Electronics AF31 Datasheet HTML 13Page - 3M Electronics AF31 Datasheet HTML 14Page - 3M Electronics AF31 Datasheet HTML 15Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 31
- 14 -
Storage at 40°F ± 5°F (4°C ± 2°C) is suggested for 3M™ Scotch-Weld™ Structural
Adhesive Film AF 31 and 3M™ Scotch-Weld™ Structural Adhesive Primer EC-2174 to
obtain maximum shelf life. Rotate stock on a “first in-first out” basis.
Caution: Scotch-Weld AF 31 film adhesive and Scotch-Weld EC-2174 primer should be
permitted to thoroughly warm to room temperature (75°F ± 5°F [24°C ± 2°C])
before being used to prevent moisture condensation.
Storage and
Handling
E. Suggested Cure Cycle
The following press cure cycle is suggested to obtain dense glue lines and maximum
strengths:
1. Apply a pressure of 45 psi prior to reaching a bond-line temperature of 150°F (66°C)
and maintain throughout the press cure cycle.
2. Raise the bond line temperature from ambient to 350°F (177°C) at a rate of 10°F per
minute.
3. Cure for 60 minutes at 350°F (177°C).
4. Cool to below 200°F (93°C) bond-line temperature prior to release of pressure. (In
lab tests, panels have been removed at 350°F (177°C), with no adverse effects).
Product
Application
(continued)
Shelf Life
Standard shelf life of Scotch-Weld AF 31 film adhesive is 12 months from date of
shipment in the original unopened container if stored at 40°F (4°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com